Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA4817 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

No. de pieza TDA4817
Descripción Electrónicos  Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4817 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TDA4817 Datasheet HTML 2Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 3Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 4Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 5Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 6Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 7Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 8Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 9Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Semiconductor Group
6
Characteristics
V
SON < VS < VZ; TA = – 25 to 85 ˚C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Current Consumption
Without load on driver
(QSIP) and
V
REF ; QSIP low
Load on QSIP with
SIPMOS gate;
dynamic operation
I
S
I
S
I
S
5
0.5
10
15
mA
mA
mA
0 V <
V
S < VSON
V
SON < VS < VZ
V
S = 12 V;
f
switch = 50 kHz;
load QSIP = 10 nF
Hysteresis on
V
S
Turn-ON threshold for
V
S rising
Switching hysteresis
V
SH
V
Shy
9.6
1.0
10.4
11.2
1.7
V
V
Comparator
Input offset voltage
Input current
Common-mode input
voltage
V
IO
I
I
V
ICM
– 10
0
10
2
3.5
mV
µA
V
Operational Amplifier
Open-loop voltage gain
Input offset voltage
Input current
Common-mode input
voltage
Output current
Output voltage
Gain-bandwidth product
Transition phase
Voltage Feedback
Threshold
Temperature response
G
VO
V
IO
I
I
V
IC
I
Q
V
Q
fr
Φ
T
V
FB
V
FB/∆T
60
– 10
0
– 3
1.2
1.96
– 0.3
80
2
120
2
10
2
3.5
1.5
4
2.04
0.3
dB
mV
µA
V
mA
V
MHz
deg
V
mV/K
T
j = 25 ˚C
Pin 6 connected to
Pin 7
Output Driver
H-output voltage
L-output voltage
Output current rising edge
falling edge
V
QSIPH
V
QSIPL
I
QSIP
I
QSIP
5
200
250
300
350
1
400
450
V
V
mA
mA
I
QSIP = – 10 mA
I
QSIP = 10 mA
C
L = 10 nF
C
L = 10 nF
TDA 4817


Número de pieza similar - TDA4817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4814A SIEMENS-TDA4814A Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
More results

Descripción similar - TDA4817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com