Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EN29GL256H Datasheet(PDF) 19 Page - Eon Silicon Solution Inc.

No. de pieza EN29GL256H
Descripción Electrónicos  256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EON [Eon Silicon Solution Inc.]
Página de inicio  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL256H Datasheet(HTML) 19 Page - Eon Silicon Solution Inc.

Back Button EN29GL256H Datasheet HTML 15Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 16Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 17Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 18Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 19Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 20Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 21Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 22Page - Eon Silicon Solution Inc. EN29GL256H Datasheet HTML 23Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
19
EN29GL256H/L
Rev. G, Issue Date: 2011/01/17
Sector Erase
Sector erase is a six bus cycle operation. The sector erase command sequence is initiated by writing
two un-lock cycles, followed by a set-up command. Two additional unlock write cycles are then followed
by the address of the sector to be erased, and the sector erase command. The Command Definitions
table shows the address and data requirements for the sector erase command sequence.
Once the sector erase operation has begun, only the Sector Erase Suspend command is valid. All
other commands are ignored. If there are several sectors to be erased, Sector Erase Command
sequences must be issued for each sector. That is, only a sector address can be specified for each
Sector Erase command
. Users must issue another Sector Erase command for the next sector to be
erased after the previous one is completed.
When the Embedded Erase algorithm is completed, the device returns to reading array data and
addresses are no longer latched. The system can determine the status of the erase operation by using
DQ7, DQ6, or DQ2. Refer to “Write Operation Status” for information on these status bits. Flowchart 4
illustrates the algorithm for the erase operation. Refer to the Erase/Program Operations tables in the
“AC Characteristics” section for parameters, and to the Sector Erase Operations Timing diagram for
timing waveforms.
Figure 6. Sector Erase Operation
START
Write Erase
Command Sequence
Data Poll from
System or Toggle Bit
successfully
completed
Erase Done
Data =FFh?
Yes
No


Número de pieza similar - EN29GL256H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eon Silicon Solution In...
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Descripción similar - EN29GL256H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eon Silicon Solution In...
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com