Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EN29LV320B Datasheet(PDF) 24 Page - Eon Silicon Solution Inc.

No. de pieza EN29LV320B
Descripción Electrónicos  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EON [Eon Silicon Solution Inc.]
Página de inicio  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV320B Datasheet(HTML) 24 Page - Eon Silicon Solution Inc.

Back Button EN29LV320B_11 Datasheet HTML 20Page - Eon Silicon Solution Inc. EN29LV320B_11 Datasheet HTML 21Page - Eon Silicon Solution Inc. EN29LV320B_11 Datasheet HTML 22Page - Eon Silicon Solution Inc. EN29LV320B_11 Datasheet HTML 23Page - Eon Silicon Solution Inc. EN29LV320B_11 Datasheet HTML 24Page - Eon Silicon Solution Inc. EN29LV320B_11 Datasheet HTML 25Page - Eon Silicon Solution Inc. EN29LV320B_11 Datasheet HTML 26Page - Eon Silicon Solution Inc. EN29LV320B_11 Datasheet HTML 27Page - Eon Silicon Solution Inc. EN29LV320B_11 Datasheet HTML 28Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
24
EN29LV320B
Rev. D, Issue Date: 2011/08/18
Table 13. Write Operation Status
Operation
DQ7
DQ6
DQ5
DQ3
DQ2
RY/BY#
Embedded Program
Algorithm
DQ7#
Toggle
0
N/A
No
toggle
0
Standard
Mode
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
0
Reading within Erase
Suspended Sector
1
No
Toggle
0
N/A
Toggle
1
Reading within Non-Erase
Suspended Sector
Data
Data
Data
Data
Data
1
Erase
Suspend
Mode
Erase-Suspend Program
DQ7#
Toggle
0
N/A
N/A
0
Table 14. Status Register Bits
DQ
Name
Logic Level
Definition
‘1’
Erase Complete or erased sector in Sector Erase
Suspend
‘0’
Erase On-Going
DQ7
Program Complete or data of non-erased sector
during Sector Erase Suspend
7
DATA#
POLLING
DQ7#
Program On-Going
‘-1-0-1-0-1-0-1-’
Erase or Program On-going
DQ6
Read during Sector Erase Suspend
6
TOGGLE BIT
‘-1-1-1-1-1-1-1-‘
Erase Complete
‘1’
Program or Erase Error
5
TIME OUT BIT
‘0’
Program or Erase On-going
‘1’
Erase operation start
3
ERASE TIME
OUT BIT
‘0’
Erase timeout period on-going
‘-1-0-1-0-1-0-1-’
Chip Erase, Sector Erase or Read within Erase-
Suspended sector. (When DQ5=1, Erase Error due
to currently addressed Sector or
Program on
Erase-Suspended sector
2
TOGGLE BIT
DQ2
Read on addresses of non Erase-Suspend sectors
Notes:
DQ7: DATA# Polling: indicates the P/E status check during Program or Erase, and on completion before checking bits DQ5 for
Program or Erase Success.
DQ6: Toggle Bit: remains at constant level when P/E operations are complete or erase suspend is acknowledged. Successive
reads output complementary data on DQ6 while programming or Erase operation are on-going.
DQ5: Time Out Bit: set to “1” if failure in programming or erase
DQ3: Sector Erase Command Timeout Bit: Operation has started. Only possible command is Erase suspend (ES).
DQ2: Toggle Bit: indicates the Erase status and allows identification of the erased Sector.


Número de pieza similar - EN29LV320B_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eon Silicon Solution In...
EN29LV320B-70BC EON-EN29LV320B-70BC Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320B-70BCP EON-EN29LV320B-70BCP Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320B-70BI EON-EN29LV320B-70BI Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320B-70BIP EON-EN29LV320B-70BIP Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320B-70TC EON-EN29LV320B-70TC Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Descripción similar - EN29LV320B_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320C EON-EN29LV320C Datasheet
459Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com