Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10XS3535 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

No. de pieza MC10XS3535
Descripción Electrónicos  Smart Front Corner Light Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3535 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC10XS3535 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS3535 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
10XS3535
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Peak Package Reflow Temperature During Reflow(3), (4)
TPPRT
Note 4
°C
Storage Temperature
TSTG
-55 to 150
°C
THERMAL RESISTANCE
Thermal Resistance, Junction to Case(5)
RθJC
1.0
°K/W
Notes
3.
Pin soldering temperature limit is for 40 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
5.
Typical value guaranteed per design.
Table 2. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit


Número de pieza similar - MC10XS3535

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
2Mb / 51P
   Quad High Side Switch (Dual 10m廓, Dual 12m廓)
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
MC10XS3412CHFK FREESCALE-MC10XS3412CHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412CHFK NXP-MC10XS3412CHFK Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
More results

Descripción similar - MC10XS3535

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
33480 FREESCALE-33480 Datasheet
989Kb / 39P
   Smart Front Corner Light
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
   Smart Rear Corner Light Switch(penta 35 mOhm)
logo
NXP Semiconductors
MC35XS3500 NXP-MC35XS3500 Datasheet
2Mb / 45P
   Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
logo
Freescale Semiconductor...
10XS3535 FREESCALE-10XS3535 Datasheet
1Mb / 43P
   Smart Front Corner Light Switch (Triple 10 m廓 and Dual 35 m廓)
35XS3500 FREESCALE-35XS3500 Datasheet
1Mb / 41P
   Smart Rear Corner Light Switch (Penta 35 m廓)
logo
Skyworks Solutions Inc.
SE2438T SKYWORKS-SE2438T Datasheet
1Mb / 13P
   Smart Energy Front-End Module
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
logo
List of Unclassifed Man...
TL-SG2216 ETC2-TL-SG2216 Datasheet
1Mb / 4P
   Gigabit Smart Switch
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
logo
STMicroelectronics
L9651 STMICROELECTRONICS-L9651 Datasheet
119Kb / 9P
   SMART QUAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com