Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5931-65 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

No. de pieza TDA5931-65
Descripción Electrónicos  Video IF Amplifier and Demodulator with Full-SCART
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5931-65 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TDA5931-65 Datasheet HTML 4Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 5Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 6Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 7Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 8Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 9Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 10Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 11Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Semiconductor Group
38
TDA 5931-65
Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Video output voltages (peak to peak)
f PC = 10 mVrms with neg. modulation and
residual carrier = 10%; with neg. modulation and residual carrier < 6%
Pos. video output
changes related to
TV-standard switch over
V6
V
6
1.8
2.0
2
2.2
5
Vpp
%
0V <
V2 < 1.9 V
0V <
V12 < 1.9 V;
0 <
V2 < 1.9 V
2.4 V <
V12 < 6 V
Change due to operating
voltage
1.5
3
%
V
6/∆V5
10.8 V <
V5 < 13.2 V
Neg. SCART output
V4
1.9
2.1
2.3
Vpp
RL = ∞
Changes of the video output
voltage over the control
range of 55 dB
V
6
0.2
0.5
dB
Video gain
V6/V3
1.9
2.0
2.1
RG < 500 Ω;
2.4 <
V2 < 6 V;
V3 = 1 Vpp (2 MHz)
Video bandwidth
P6/3-3dB
8
9
MHz
2.4 <
V2 < 6 V;
V3 = 1 Vpp sinus
Cross talk attenuation
A
40
50
dB
0 <
V2 < 1.9 V;
V1/18 = 0 V; V16 = 3 V;
V3 = 1 Vpp sinus
50 Hz … 10 MHz
Design Notes (no 100% final test)
Input resistance
(symmetrical)
R1/18
1.5
2
2.5
k
Input capacitance
(symmetrical)
C1/18
25pF
Low pass cut-off
f– 3 dB (13) 70
100
130
Hz
C13/17 = 100 nF ± 10%
Pos. video output
white level
Synchron pulse level
frequency
V6
V6
3.9
1.9
4.2
2.2
4.9
2.7
V
V
2.4 <
V2 = 6 V;
(SCART operation)
V3 = 1 Vpp norm
video signal
V3 = 1 Vpp norm
video signal
Video input voltage
± 3 dB at R
G < 500 Ω
V3
1
Vpp


Número de pieza similar - TDA5931-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
More results

Descripción similar - TDA5931-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
STMicroelectronics
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
   VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
TDA5940-2 SIEMENS-TDA5940-2 Datasheet
242Kb / 9P
   Video and Sound IF with V & S SCART
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com