Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5931-65 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

No. de pieza TDA5931-65
Descripción Electrónicos  Video IF Amplifier and Demodulator with Full-SCART
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5931-65 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button TDA5931-65 Datasheet HTML 5Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 6Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 7Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 8Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 9Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 10Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 11Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 12Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Semiconductor Group
39
TDA 5931-65
Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Intercarrier noise voltages ratio (weighted according CCIR 468) with parallel tank circuit 38.9 MHz,
SAW 361 D,
fTT = 5.5 MHz (– 13 dB), demod.: TBA 120
FuBk – test picture
FuBk – test picture
S/N
S/N
S/N
S/N
2
48
17
11
dB
dB
dB
dB
V1/18 = 10 mVpp
FuBk mod.
V1/18 = 10 mVpp
2.753 MHZ mod.
with detuning
f = – 400 kHz
with detuning
f = + 400 kHz
Dyn. Output Resistance
Pos. video output
Neg. video output
R6
R4
80
100
115
150
150
200
Noise figure
V1/18 = – 57 dBm =
+ 50 dB
µV
RG = 800 Ω
F
57dB
Video noise voltage ratio at
BT = 10 mVrms
0 dB = 700 mVrms BA
unweighted
weighted according to
CCIR Rec. 567-1
S/N
S/N
50
55
55
60
dB
dB
Video Frequency Response
– 3 dB
– 12 dB
B3 dB
B– 12 dB
8
15
10
17
13
20
MHz
MHz
Residual Carrier Voltage at Video Output
fPC = 10 mVr ms 38.9 MHz
Fundamental wave
1. harmonic wave
f = 77.8 MHz
V6
V6
3.0
0.3
6.0
0.6
mV
mV


Número de pieza similar - TDA5931-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
More results

Descripción similar - TDA5931-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
STMicroelectronics
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
   VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
TDA5940-2 SIEMENS-TDA5940-2 Datasheet
242Kb / 9P
   Video and Sound IF with V & S SCART
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com