Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D0120MY-29-2001 Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

No. de pieza D0120MY-29-2001
Descripción Electrónicos  Vacuum Fluorescent Display Specification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEWHAVEN [Newhaven Display International, Inc.]
Página de inicio  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

D0120MY-29-2001 Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  D0120MY-29-2001 Datasheet HTML 1Page - Newhaven Display International, Inc. D0120MY-29-2001 Datasheet HTML 2Page - Newhaven Display International, Inc. D0120MY-29-2001 Datasheet HTML 3Page - Newhaven Display International, Inc. D0120MY-29-2001 Datasheet HTML 4Page - Newhaven Display International, Inc. D0120MY-29-2001 Datasheet HTML 5Page - Newhaven Display International, Inc. D0120MY-29-2001 Datasheet HTML 6Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D0120
MY-29-2001
Electrical
Characteristics
Item
Symbol
Test Condition
Min.
Typical
Max.
Unit
Filament Current
If
Ef = 8.5 Vac
121.5
135.0
148.5
mAac
-
eb = ec = 0
-
-
-
-
Anode Current
ib/1~20G
Ef = 8.5 Vac
-
20.0
40.0
mAp-p
-
eb = 70.0 Vp-p
-
-
-
mAp-p
-
ec = 70.0 Vp-p
-
-
-
mAp-p
-
Du = 1/21
-
-
-
mAp-p
-
tp = 400 uS
-
-
-
mAp-p
Grid Current
ic/1~20G
All Segs are lit
-
25.0
50.0
mAp-p
-
-
-
-
mAp-p
-
-
-
-
mAp-p
-
-
-
-
mAp-p
-
-
-
-
mAp-p
L(G)
350
700
-
cd/m
2
Luminance
-
(102)
(204)
fL
Lmin/Lmax
Luminance Ratio
50
-
-
%
Ecco
Ef = 8.5 Vac
Grid Cut-off Voltage
Eb = 70.0 Vdc
-9.0
-
-
Vdc
Ebco
Ef = 8.5 Vac
Anode Cut-off Voltage
ec = 70.0 Vp-p
-9.0
-
-
Vdc
Du = 1/21
tp = 400 uS
* Drive Mode is Dynamic State
-2-


Número de pieza similar - D0120MY-29-2001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Newhaven Display Intern...
D0120MY-20-2002 NEWHAVEN-D0120MY-20-2002 Datasheet
221Kb / 6P
   Vacuum Fluorescent Display Specification
More results

Descripción similar - D0120MY-29-2001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Newhaven Display Intern...
D0120SD-20-2004F NEWHAVEN-D0120SD-20-2004F Datasheet
951Kb / 6P
   Vacuum Fluorescent Display Specification
D0220MD-48-4001F NEWHAVEN-D0220MD-48-4001F Datasheet
860Kb / 6P
   Vacuum Fluorescent Display Specification
D0105MT-24-0504N NEWHAVEN-D0105MT-24-0504N Datasheet
164Kb / 5P
   Vacuum Fluorescent Display Specification
D0106LT-43-0601 NEWHAVEN-D0106LT-43-0601 Datasheet
509Kb / 6P
   Vacuum Fluorescent Display Specification
D0111LT-33-1101 NEWHAVEN-D0111LT-33-1101 Datasheet
982Kb / 6P
   Vacuum Fluorescent Display Specification
D0116LY-29-1603 NEWHAVEN-D0116LY-29-1603 Datasheet
460Kb / 6P
   Vacuum Fluorescent Display Specification
D0116SY-20-1601FB NEWHAVEN-D0116SY-20-1601FB Datasheet
712Kb / 7P
   Vacuum Fluorescent Display Specification
D0104MT-24-0503 NEWHAVEN-D0104MT-24-0503 Datasheet
800Kb / 5P
   Vacuum Fluorescent Display Specification
D0120MY-20-2002 NEWHAVEN-D0120MY-20-2002 Datasheet
221Kb / 6P
   Vacuum Fluorescent Display Specification
D0220LD-48-4002F NEWHAVEN-D0220LD-48-4002F Datasheet
255Kb / 6P
   Vacuum Fluorescent Display Specification
D0109MT-20-0901 NEWHAVEN-D0109MT-20-0901 Datasheet
861Kb / 5P
   Vacuum Fluorescent Display Specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com