Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADT6780 Datasheet(PDF) 10 Page - ADTech

No. de pieza ADT6780
Descripción Electrónicos  Thermally enhanced Low VFB Step-Down LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADTECH [ADTech]
Página de inicio  
Logo ADTECH - ADTech

ADT6780 Datasheet(HTML) 10 Page - ADTech

Back Button ADT6780 Datasheet HTML 5Page - ADTech ADT6780 Datasheet HTML 6Page - ADTech ADT6780 Datasheet HTML 7Page - ADTech ADT6780 Datasheet HTML 8Page - ADTech ADT6780 Datasheet HTML 9Page - ADTech ADT6780 Datasheet HTML 10Page - ADTech ADT6780 Datasheet HTML 11Page - ADTech ADT6780 Datasheet HTML 12Page - ADTech ADT6780 Datasheet HTML 13Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Jul. 12. 2012 / Preliminary
10/13
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6780
Thermally enhanced Low V
FB Step-Down LED Driver
APPLICATION INFORMATION (continued)
Loop Compensation
The ADT6780 uses a fixed frequency, peak current mode control scheme to provide easy compensation and
fast transient response. Peak current mode control eliminate the double pole effect of the output LC filter.
Therefore, the step-down converter can be simplified to be a one-pole system in frequency domain.
The goal of compensation design is to shape the converter transfer function to get the desired gain and
phase. System stability is provided with the addition of a simple series capacitor-resistor from COMP to
GND. This pole-zero combination serves to adjust the desired response of the closed-loop system.
The DC gain of the voltage feedback loop is given by:
Where A
EA is the error amplifier voltage gain. GCS is the current sense transconductance and R1 is the current sense
resistor value.
The system has two dominant poles. One is made by the combination of both the output resistor of the error
amplifier and the compensation capacitor (C3). And the other is due to the output capacitor and the LED’s
AC resistor(R
LED=△VOUT/△ILED) . These poles are expressed as:
where, GEA is the error amplifier transconductance.
For a stable one-pole converter system, one of two dominant poles needs to be eliminated by one zero. One
zero made by the series capacitor-resistor (R2-C3) cancels f
P2 out. This zero is:
If the output capacitor has a large capacitance and/or a high ESR value, unwanted zero is generated to the
location of:
In this case, third pole is needed to compensate f
Z2. This pole, fP3, is made by the R2 and the selectively
added optional capacitor (C6) between COMP to GND. f
P3 is expressed to:
The system crossover frequency (Fc), where the feedback loop has the unity gain, is important. The system
crossover frequency is called the converter bandwidth. Generally higher Fc means faster transient response
and load regulation. However, higher Fc could cause system unstable. A standard rule of thumb sets the
crossover frequency to be equal or less than 1/10 of switching frequency.
CS
EA
1
VDC
G
A
R
A
×
×
=
LED
O
P2
EA
EA
P1
R
C
1
f
A
C3
G
f
×
×
=
×
×
=
R2
C3
1
f
Z1
×
×
=
ESR
C
1
f
O
Z2
×
×
=
R2
C6
1
f
P3
×
×
=


Número de pieza similar - ADT6780

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADTech
ADT6780_CN ADTECH-ADT6780_CN Datasheet
683Kb / 13P
   Thermally enhanced Low VFB Step-Down LED Driver
More results

Descripción similar - ADT6780

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADTech
ADT6780_CN ADTECH-ADT6780_CN Datasheet
683Kb / 13P
   Thermally enhanced Low VFB Step-Down LED Driver
logo
Luminus, Inc
CBT-90TE LUMINUS-CBT-90TE Datasheet
1Mb / 15P
   Thermally Enhanced LED Chipset
PT-54-TE LUMINUS-PT-54-TE Datasheet
2Mb / 15P
   Thermally Enhanced LED Projection Chipset
PT-40-TE LUMINUS-PT-40-TE Datasheet
2Mb / 14P
   Thermally Enhanced LED Projection Chipset
logo
Unisonic Technologies
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
   2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3596 LINER-LT3596 Datasheet
435Kb / 20P
   60V Step-Down LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com