Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADT6780 Datasheet(PDF) 4 Page - ADTech

No. de pieza ADT6780
Descripción Electrónicos  Thermally enhanced Low VFB Step-Down LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADTECH [ADTech]
Página de inicio  
Logo ADTECH - ADTech

ADT6780 Datasheet(HTML) 4 Page - ADTech

  ADT6780 Datasheet HTML 1Page - ADTech ADT6780 Datasheet HTML 2Page - ADTech ADT6780 Datasheet HTML 3Page - ADTech ADT6780 Datasheet HTML 4Page - ADTech ADT6780 Datasheet HTML 5Page - ADTech ADT6780 Datasheet HTML 6Page - ADTech ADT6780 Datasheet HTML 7Page - ADTech ADT6780 Datasheet HTML 8Page - ADTech ADT6780 Datasheet HTML 9Page - ADTech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Jul. 12. 2012 / Preliminary
4/13
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6780
Thermally enhanced Low V
FB Step-Down LED Driver
Electrical Characteristics (Ta=25℃, VIN=12V, unless otherwise noted)
Parameters
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply current (shutdown)
IOFF
VEN = 0V
-
10
-
Supply current (quiescent)
IQ
VEN = 3V, VFB = 1.4V
-
0.7
-
Feedback voltage
VFB
4.5V ≤ VIN ≤ 28V,
VCOMP < 2V
0.184
0.200
0.216
V
Error Amplifier Voltage Gain
AEA
-
-
750
-
V/V
Error Amplifier Transconductance
GEA
Δ
ICOMP = ±10㎂
-
750
-
/V
High-Side Switch On Resistance (Note4)
RON.H
-
-
80
-
mΩ
Low-Side Switch On Resistance (Note4)
RON.L
-
-
10
-
High-Side Switch Leakage Current
VEN = 0V , VSW = 0V
-
0.1
10
Peak Current Limit
Duty=50%
-
3
-
A
Current sense to COMP transconductance
GCS
--
11
-
A/V
Oscillator frequency
FSW
-
-
925
-
Fold-back frequency
VFB = 0V
-
125
-
Maximum Duty cycle
DMAX
VFB = 0.15V, IO=1A
76
86
99
%
Minimum On time
TON
-
-
100
-
UVLO rising threshold
VEN rising
2.00
2.35
2.70
V
UVLO threshold hysteresis
-
-
250
-
EN threshold voltage
-
0.8
1.1
1.4
V
Enable pull-up current
VEN = 0V
-
2.0
-
Soft-Start Period
C4 = 100㎋
-3
-
Thermal shutdown (Note4)
-
-
145
-
Note4. guaranteed by design.


Número de pieza similar - ADT6780

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADTech
ADT6780_CN ADTECH-ADT6780_CN Datasheet
683Kb / 13P
   Thermally enhanced Low VFB Step-Down LED Driver
More results

Descripción similar - ADT6780

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADTech
ADT6780_CN ADTECH-ADT6780_CN Datasheet
683Kb / 13P
   Thermally enhanced Low VFB Step-Down LED Driver
logo
Luminus, Inc
CBT-90TE LUMINUS-CBT-90TE Datasheet
1Mb / 15P
   Thermally Enhanced LED Chipset
PT-54-TE LUMINUS-PT-54-TE Datasheet
2Mb / 15P
   Thermally Enhanced LED Projection Chipset
PT-40-TE LUMINUS-PT-40-TE Datasheet
2Mb / 14P
   Thermally Enhanced LED Projection Chipset
logo
Unisonic Technologies
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
   2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3596 LINER-LT3596 Datasheet
435Kb / 20P
   60V Step-Down LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com