Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMS-MP-19-8A Datasheet(PDF) 7 Page - Tyco Electronics

No. de pieza SMS-MP-19-8A
Descripción Electrónicos  T107M Handheld Printer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

SMS-MP-19-8A Datasheet(HTML) 7 Page - Tyco Electronics

Back Button SMS-MP-19-8A Datasheet HTML 3Page - Tyco Electronics SMS-MP-19-8A Datasheet HTML 4Page - Tyco Electronics SMS-MP-19-8A Datasheet HTML 5Page - Tyco Electronics SMS-MP-19-8A Datasheet HTML 6Page - Tyco Electronics SMS-MP-19-8A Datasheet HTML 7Page - Tyco Electronics SMS-MP-19-8A Datasheet HTML 8Page - Tyco Electronics SMS-MP-19-8A Datasheet HTML 9Page - Tyco Electronics SMS-MP-19-8A Datasheet HTML 10Page - Tyco Electronics SMS-MP-19-8A Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
140
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
T612M–DS Double sided thermal transfer printer
Printers
Specifically designed by Tyco Electronics, the T612M-DS printer
answers a common need in heat-shrinkable wire and cable
identification markers: single-pass printing onto both the front and
back side of the markers simultaneously. Specifically developed
and modified by Tyco Electronics for this application, the T612M-
DS is a high duty cycle, industrially robust thermal transfer printer.
It will print onto the complete range of TMS System Six heat-
shrinkable markers in all sizes from
3
/32" (2.4 mm) to 2
1
/4"
(57.2 mm). The data printed onto the two sides of each marker
can be identical or different, same side up or flipped.
Printer specifications
Tyco Electronics
T612M-TTDS-098
Print head width
128 mm (5.04")
Print head resolution
12 dpmm (304 dpi)
Print speed (maximum)
50 to128 mm per second
(2 [recommended] to 5 inches per
second)
Media sensor
Transmissive and gap
Memory
12MB DRAM and 1 MB flash
Communication interface
Parallel (centronics) and serial
(RS232/422)
Printer dimensions
559 mm W x 432 mm D x 508 mm H
(22
" W x 17" D x 20" H)
Printer weight
38 kg (84 lbs)
Shipping weight
51 kg (112 ibs)
Media specifications
Maximum print width
112mm (4.4
")
Maximum media width
117 mm (4.625
")
Maximum media roll diameter
254 mm (10.0
")
Media core diameter
26 mm (3.0
")
Ribbon wind
Ink side out
Product order code
Description
T612M-DS-PRINTER
Tyco Electronics T612M-DS thermal
printer – standard


Número de pieza similar - SMS-MP-19-8A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Adam Technologies, Inc.
SMS-001-GT ADAM-TECH-SMS-001-GT Datasheet
57Kb / 1P
   PIN RECEPTACLES
logo
Projects Unlimited, Inc...
SMS-1308MS-2-R PUI-SMS-1308MS-2-R Datasheet
215Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
PUI audio inc.
SMS-1308MS-2-R PUIAUDIO-SMS-1308MS-2-R Datasheet
335Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
SMS-1308MS-R PUI-SMS-1308MS-R Datasheet
76Kb / 1P
   SPEAKER
SMS-1508-2-R PUI-SMS-1508-2-R Datasheet
186Kb / 1P
   Surface Mount Speaker
More results

Descripción similar - SMS-MP-19-8A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Pepperl+Fuchs Inc.
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
   Handheld
2022-05-19
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
Toshiba Semiconductor
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com