Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

7-1201672-2 Datasheet(PDF) 13 Page - Tyco Electronics

No. de Pieza. 7-1201672-2
Descripción  RFID (Radio Frequency Identification)
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo 

7-1201672-2 Datasheet(HTML) 13 Page - Tyco Electronics

 
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
176
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
TP Tape High Performance color-coded cost saving system for tube identification
Tube and Pipe ID Labels
TP3 - PNEU - 1.250
Part numbering system
Size (1.250: for tube with OD of 1.250")
Tube type (PNEU: for pneumatic lines)
Product type (TP3: TP Tape type 3, 1.1 turns
of printable legend around tube)
The system is designed for use as a thermal transfer printable,
self-laminating identification for the various types of tubes in the
aerospace, defense and marine industry. Made from polyester
with a permanent acrylic adhesive, this cost saving system allows
you to print on a unique range of pre color-coded labels on
demand and eliminates the use and maintenance of paints,
stencils, hot-stamps and etching tools. The system even does the
job in a fraction of the time compared to similar technologies.
Features and benefits
I Continuous operating temperature of –40°C to +163°C
(–40°F to +325°F)
I Resists exposure to water, oil, conventional cleaning agents,
oil-based solvents and other fluids commonly associated with
commercial and military aircraft
I Color coded to meet MIL-STD-595B requirements
I Meets MIL-STD-1247 standards for hydraulic lines, fuel lines,
oxygen lines, inerting fluid lines, etc.
I Performance tested to RW 2068, a punishing standard for
aggressive fluid and temperature resistance in military and com-
mercial aircraft
I Available in die-cut or continuous formats to cover all ranges of
tube diameters
I Die-cut version available in white or yellow printable area
I Continuous version available in white* or clear printable area
*To be used only with TP-CLEAR-CONT over-laminating product
Temperature rating
Operating temperature range
–40°C to +163°C
–40°F to +325°F
Specifications/approvals
Tyco Electronics
RW 2526
TTDS-028
Military
MIL-T-9906C (except initial peel)
MIL-STD-595B
MIL-STD-1247
MIL-STD-101B
Printer information
Tyco Electronics printer
T308S* (thermal transfer)
Tyco Electronics ribbon
1330-0607-10 (thermal transfer)
*Alternative printers and ribbons are available
for special applications. Contact Tyco
Electronics Identification for more information.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn