Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

7-1201672-2 Datasheet(PDF) 14 Page - Tyco Electronics

No. de Pieza. 7-1201672-2
Descripción  RFID (Radio Frequency Identification)
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo 

7-1201672-2 Datasheet(HTML) 14 Page - Tyco Electronics

 
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
177
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
TP Tape High Performance color-coded cost saving system for tube identification
Tube and Pipe ID Labels
Ordering information
Available sizes and formats
Order
Printer
Label
Fits tube
Labels
description
type
width
diameter
per pack
mm
inches
mm
inches
TP<format>- (XXXX) - 0.188
Thermal
63.50
2.500
4.77
0.188
2500
TP<format>- (XXXX) - 0.250
Thermal
63.50
2.500
6.35
0.250
2000
TP<format>- (XXXX) - 0.312
Thermal
63.50
2.500
7.92
0.312
2000
TP<format>- (XXXX) - 0.375
Thermal
63.50
2.500
9.52
0.375
1500
TP<format>- (XXXX) - 0.500
Thermal
63.50
2.500
12.70
0.500
1500
TP<format>- (XXXX) - 0.625
Thermal
63.50
2.500
15.88
0.625
1000
TP<format>- (XXXX) - 0.750
Thermal
63.50
2.500
19.05
0.750
1000
TP<format>- (XXXX) - 0.875
Thermal
63.50
2.500
22.21
0.875
750
TP<format>- (XXXX) - 1.000
Thermal
63.50
2.500
25.40
1.000
750
TP<format>- (XXXX) - 1.125
Thermal
63.50
2.500
28.58
1.125
500
TP<format>- (XXXX) - 1.250
Thermal
63.50
2.500
31.75
1.250
500
TP<format>- (XXXX) - 1.375
Thermal
63.50
2.500
34.93
1.375
500
TP<format>- (XXXX) - 1.500
Thermal
63.50
2.500
38.10
1.500
500
TP<format>- (XXXX) - 1.625
Thermal
63.50
2.500
41.28
1.625
400
TP<format>- (XXXX) - 1.750
Thermal
63.50
2.500
44.45
1.750
400
TP<format>- (XXXX) - CONT
Thermal
63.50
2.500
50.80+
2.000+
100 ft continuous
Options
Format
None
Standard TP Tape
2
For a slit at 2 inches from the left edge (total width 2
" instead of 2.5")
3
For 1.1 turns of color-coded label around the pipe instead of 1.5 turns
4
For white printable area instead of yellow
WE
For white/slit product for European markets, use order description: TP-WE(XXXX)ST-(size)
Identification code (XXXX)
AIRCON
Air conditioning
HYDRO
Hydraulic
PYRO
Pyrotechnic
BATACT
Battery activator
INAIR
Instrument air
RAIN
Rain repellent
COMGAS
Compressed gas
INERT
Inert fluid
RCAT
Rocket catalyst
COOL
Coolant
LUBE
Lubrication
RFUEL
Rocket fuel
DEICE
Deicing fluid
MC
Miscellaneous
ROXI
Rocket oxidizer
ELECT
Electrical conduit
MONO
Mono propellant
SOLV
Solvent
FIRE
Fire protection
OXYGEN
Breathing oxygen
VAC
Vacuum
FUEL
Fuel
PNEU
Pneumatic
WATER
Water injection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn