Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D1213A-02SR-7 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza D1213A-02SR-7
Descripción Electrónicos  2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D1213A-02SR-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  D1213A-02SR-7 Datasheet HTML 1Page - Diodes Incorporated D1213A-02SR-7 Datasheet HTML 2Page - Diodes Incorporated D1213A-02SR-7 Datasheet HTML 3Page - Diodes Incorporated D1213A-02SR-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D1213A-02SR
Document number: DS32151 Rev. 11 - 2
2 of 4
www.diodes.com
June 2012
© Diodes Incorporated
D1213A-02SR
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Conditions
Operating Supply Voltage
VP - VN
6.0
V
-
DC Voltage at any Channel Input
-
(VN – 0.5) to (VP + 0.5)
V
-
Peak Pulse Current
IPP
5
A
8/20
μs, Per Fig. 2
ESD Protection – Contact Discharge
VESD_Contact
±8
kV
Standard IEC 61000-4-2
ESD Protection – Air Discharge
VESD_Air
±15
kV
Standard IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
400
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
310
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Operating Supply Voltage
VP
-
3.3
5.5
V
-
Operating Supply Current (Note 6)
IP
-
-
8.0
µA
(VP – VN) = 3.3V
Channel Leakage Current (Note 6)
IR
-
±0.1
±1.0
µA
VP = 5V, VN = 0V
Reverse breakdown voltage
VBR
6.0
-
-
V
IR = 1mA
Clamping Voltage, Positive Transients
VCL1
-
10.0
-
V
IPP = 1A, tp = 8/20μs
Clamping Voltage, Negative Transients
VCL2
-
-1.7
-
V
IPP = -1A, tp = 8/20μs
Forward Voltage for Top Diode
VFD1
0.60
0.80
0.95
V
IF = 8mA, CH1 to VP or CH2 to VP
Forward Voltage for Bottom Diode
VFD2
0.60
0.80
0.95
V
IF = 8mA, VN to CH1 or VN to CH2
Dynamic Resistance
RDYN
-
0.9
-
IPP = 1A, tp = 8/20μs
Channel Input Capacitance
CT
-
0.85
1.2
pF
VIN = 1.65V, VP = 3.3V,
VN = 0V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
7. Measured from CH1 to VN or CH2 to VN.
8. Measured from VP to VN.
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Pulse Derating Curve
A
0
t, TIME ( s)
Fig. 2 Pulse Waveform
μ
20
40
60
100
50
0


Número de pieza similar - D1213A-02SR-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
D1213A-02S DIODES-D1213A-02S Datasheet
154Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02S-7 DIODES-D1213A-02S-7 Datasheet
154Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SM DIODES-D1213A-02SM Datasheet
129Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SM-7 DIODES-D1213A-02SM-7 Datasheet
129Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SO DIODES-D1213A-02SO Datasheet
146Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results

Descripción similar - D1213A-02SR-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
D1213A-02S DIODES-D1213A-02S Datasheet
154Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F2U3LP DIODES-D5V0F2U3LP Datasheet
193Kb / 4P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F2U3LP08 DIODES-D5V0F2U3LP08 Datasheet
214Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SO-7 DIODES-D1213A-02SO-7 Datasheet
146Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F2U3LPQ DIODES-D5V0F2U3LPQ Datasheet
296Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SOL-7 DIODES-D1213A-02SOL-7 Datasheet
126Kb / 4P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D24V0F2U3WQ DIODES-D24V0F2U3WQ Datasheet
431Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
January 2020 Rev. 1 - 2
DUSBULC6-CSP4 DIODES-DUSBULC6-CSP4 Datasheet
590Kb / 6P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
April 2017
DRTR5V0U2SR DIODES-DRTR5V0U2SR Datasheet
113Kb / 4P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02SM DIODES-D1213A-02SM Datasheet
129Kb / 5P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-02WL DIODES-D1213A-02WL Datasheet
134Kb / 4P
   2 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com