Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM6949YJ8R Datasheet(PDF) 5 Page - Motorola, Inc

No. de pieza MCM6949YJ8R
Descripción Electrónicos  1M x 4 Bit Static Random Access Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6949YJ8R Datasheet(HTML) 5 Page - Motorola, Inc

  MCM6949YJ8R Datasheet HTML 1Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 2Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 3Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 4Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 5Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 6Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 7Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 8Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MCM6949
5
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 3.3 V – 5%, + 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage (Operating Voltage Range)
VCC
3.0
3.3
3.465
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
– 0.5
*
0.8
V
*VIL (min) = – 0.5 V dc; VIL (min) = – 2.0 V ac (pulse width ≤ 2.0 ns).
DC CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VCC)
Ilkg(I)
± 1.0
µA
Output Leakage Current (E = VIH, Vout = 0 to VCC)
Ilkg(O)
± 1.0
µA
Output Low Voltage (IOL = + 8.0 mA)
VOL
0.4
V
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
V
POWER SUPPLY CURRENTS
Parameter
Symbol
0 to + 70
°C
– 40 to
+ 85
°C
Unit
AC Active Supply Current
MCM6949–8: tAVAV = 8 ns
(Iout = 0 mA, VCC = Max)
MCM6949–10: tAVAV = 10 ns
MCM6949–12: tAVAV = 12 ns
MCM6949–15: tAVAV = 15 ns
ICC
195
165
160
155
195
175
170
165
mA
AC Standby Current (VCC = Max, E = VIH,
MCM6949–8: tAVAV = 8 ns
No Other Restrictions on Other Inputs)
MCM6949–10: tAVAV = 10 ns
MCM6949–12: tAVAV = 12 ns
MCM6949–15: tAVAV = 15 ns
ISB1
55
50
50
45
55
55
55
50
mA
CMOS Standby Current (E
≥ VCC – 0.2 V, Vin ≤ VSS + 0.2 V or ≥ VCC – 0.2 V)
(VCC = Max, f = 0 MHz)
ISB2
15
15
mA
CAPACITANCE (f = 1.0 MHz, dV = 3.3 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Typ
Max
Unit
Input Capacitance
All Inputs Except Clocks and DQs
E, G, W
Cin
Cck
4
5
6
8
pF
Input/Output Capacitance
DQ
CI/O
5
8
pF


Número de pieza similar - MCM6949YJ8R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6946 MOTOROLA-MCM6946 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS10 MOTOROLA-MCM6946TS10 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS10R MOTOROLA-MCM6946TS10R Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS12 MOTOROLA-MCM6946TS12 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS12R MOTOROLA-MCM6946TS12R Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
More results

Descripción similar - MCM6949YJ8R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6249 MOTOROLA-MCM6249 Datasheet
116Kb / 7P
   1M x4 Bit Static Random Access Memory
MCM6229BB MOTOROLA-MCM6229BB Datasheet
125Kb / 8P
   256K x 4 Bit Static Random Access Memory
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com