Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AE10377 Datasheet(PDF) 1 Page - Assmann Electronics Inc. |
|
AE10377 Datasheet(HTML) 1 Page - Assmann Electronics Inc. |
|
1 / 1 page ASSMANN Electronics, Inc. THIS DRAWING IS UNPUBLISHED ©Copyright 2010 by Assmann Electronic Components All International Rights Reserved 1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283 Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com RoHS Compliant ITEM NO. TITLE = Assmann logo A-2004-3-4-LP-R Very Low Profile Side Entry PCB Jack 4P4C, 90° w/o Flange, 6” Gold Plating Material: • Housing: PBT Glass Filled (UL 94V-0) • Soldering Temperature: 235°C • Color: Black • Spring Wire: 0.45MM Dia. Phosphor Bronze Gold Plating over Nickel • Temperature Range: -40°C ~ +85°C • Durability: 500 Mating cycles Min. Electrical: • Insulation Resistance: 500M Min. • Contact Resistance: 20M Max. • Rating Current: 1.5A Max. • Rating Voltage: 120V AC • Dielectric Voltage: 1,000V RMS 60 Sec. Min. PCB Layout (Top View) 18.00 8.89 7.85 |
Número de pieza similar - AE10377 |
|
Descripción similar - AE10377 |