Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

D02311-000 Datasheet(PDF) 1 Page - Tyco Electronics

No. de Pieza. D02311-000
Descripción  PolySwitch® PTC Devices
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo 

D02311-000 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
308 Constitution Drive
Menlo Park, CA
94025-1164
Phone: 800-227-4856
www.circuitprotection.com
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: RHEF400
DOCUMENT: SCD25204
PCN: D02311
REV LETTER: E
REV DATE: MAY 13, 2011
PAGE NO.: 1 OF 1
Specification Status:
Released
Electrical Rating
Voltage:
16VDC MAX
Current:
100A MAX
Insulating Material:
Cured, Flame Retardant Epoxy Polymer
meets UL94 V-0 Requirements
Lead Material:
20 AWG Tin Plated Copper
(0.8 mm [0.032] nom. diameter)
Marking:
TABLE I. DIMENSIONS:
A
B
C
D
E
F
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
TYP
mm:
--
10.0
--
15.0
4.3
5.8
7.6
--
--
3.0
1.2
in*:
--
(0.39)
--
(0.59)
(0.17)
(0.23)
(0.30)
--
--
(0.12)
(0.05)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
I HOLD
RATED
CURRENT
CURRENT
RATINGS
TIME TO
TRIP
INITIAL
RESISTANCE
VALUES
ONE-HOUR
POST-TRIP
RESISTANCE
STANDARD
TRIP
TRIPPED-
STATE
POWER
DISSIPATION
AMPS
25°C
AMPS
AT 25°C
SECONDS AT
25°C, 20A
OHMS
AT 25°C
OHMS
AT 25°C
WATTS AT
25°C 16V
HOLD
HOLD
TRIP
MAX
MIN
MAX
MAX
TYP
4.0
4.0
7.5
5.0
0.024
0.040
0.060
3.3
Agency Recognitions:
UL, TUV, CSA
Reference Documents
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
© 2006, 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company.
All rights reserved.


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn