Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS-12-547 Datasheet(PDF) 1 Page - FCI connector

No. de pieza GS-12-547
Descripción Electrónicos  0.8mm BergStak짰 Product Specification
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI-CONNECTOR [FCI connector]
Página de inicio  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-547 Datasheet(HTML) 1 Page - FCI connector

  GS-12-547 Datasheet HTML 1Page - FCI connector GS-12-547 Datasheet HTML 2Page - FCI connector GS-12-547 Datasheet HTML 3Page - FCI connector GS-12-547 Datasheet HTML 4Page - FCI connector GS-12-547 Datasheet HTML 5Page - FCI connector GS-12-547 Datasheet HTML 6Page - FCI connector GS-12-547 Datasheet HTML 7Page - FCI connector GS-12-547 Datasheet HTML 8Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NUMBER
GS-12-547
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
1 of 8
D
AUTHORIZED BY
DATE
0.8mm BergStak® Product Specification
Matthew Cheong
30 Mar 10
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
1.0
OBJECTIVE
This specification defines the performance, test, quality and reliability requirements of 0.8mm pitch
BergStak® product.
2.0
SCOPE
This specification is applicable to the termination characteristics of 0.8mm pitch BergStak® family of
products, with 30 uin/ 0.76 um Palladium-Nickel plating, which provides electrical connections between
parallel mounted boards.
3.0
GENERAL
This document is composed of the following sections:
PARAGRAPH
TITLE
1.0
OBJECTIVE
2.0
SCOPE
3.0
GENERAL
4.0
APPLICABLE DOCUMENTS
4.1
Standards and Specifications
5.0
REQUIREMENTS
5.1
Qualification
5.2
Material
5.3
Finish
5.4
Design and Construction
5.5
Rating
6.0
PERFORMANCE
6.1
Performance
6.2
Test Methods
6.3
Test Sequence
4.0
APPLICABLE DOCUMENTS
4.1 Standards and Specifications
4.1.1MIL-STD-202: Test methods for electronic and electrical component parts.
4.1.2MIL-STD-1344: Test methods for electronic connectors.
4.1.3EIA 364: Electronic connector/socket test procedures including environmental classifications.
4.1.4QQ-N-290: Nickel plating.
4.1.5QQ-N-533: BeCu strip.
4.1.6MIL-G-45204: Gold plating electrodeposited
4.1.7MIL-C-45662: Calibration system requirements
PDM: Rev:D
Released
.
STATUS:
Printed: Apr 27, 2010


Número de pieza similar - GS-12-547

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FCI connector
GS-12-006 FCI-CONNECTOR-GS-12-006 Datasheet
185Kb / 17P
   Conan??Micro miniature Connector System
GS-12-008 FCI-CONNECTOR-GS-12-008 Datasheet
164Kb / 10P
   LOW PROFILE VERTICAL CARD CONNECTOR
GS-12-0903 FCI-CONNECTOR-GS-12-0903 Datasheet
271Kb / 16P
   TRX10GVP2010C1 (SFP SR Module)
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results

Descripción similar - GS-12-547

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com