Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS-12-0984 Datasheet(PDF) 10 Page - FCI connector

No. de pieza GS-12-0984
Descripción Electrónicos  TRX10GDL0610C3 (SFP LRM Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI-CONNECTOR [FCI connector]
Página de inicio  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-0984 Datasheet(HTML) 10 Page - FCI connector

Back Button GS-12-0984 Datasheet HTML 6Page - FCI connector GS-12-0984 Datasheet HTML 7Page - FCI connector GS-12-0984 Datasheet HTML 8Page - FCI connector GS-12-0984 Datasheet HTML 9Page - FCI connector GS-12-0984 Datasheet HTML 10Page - FCI connector GS-12-0984 Datasheet HTML 11Page - FCI connector GS-12-0984 Datasheet HTML 12Page - FCI connector GS-12-0984 Datasheet HTML 13Page - FCI connector GS-12-0984 Datasheet HTML 14Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NUMBER
GS-12-0984
TYPE
Product Specification
TITLE
PAGE
REVISION
TRX10GDL0610C3 (SFP+ LRM Module)
10 of 16
A
AUTHORIZED BY
DATE
J. Blank
27 Apr. 2011
CLASSIFICATION
UNRESTRICTED
Copyright © 2011 FCI Deutschland GmbH. FCI Deutschland GmbH reserves the right to make changes to this document at any time without notice.
Information in this document is believed to be reliable. However, no responsibility is assumed for possible inaccuracy or omission.
Receiver Optical Power
RX input power measurement is based on photodiode average current. Represented as a 16-bit unsigned
integer with the power defined as the full 16 bit value (0 – 65535) with LSB equal to 0.1 µW. Accuracy is
better than +/-3 dB over a range of -13 dBm to 0.5 dBm.
Note: The specified characteristics are met within the recommended range of operating conditions regarding temperature and voltage.
Tx Input Equalizer Adjustment
The transceiver is equipped with an equalizer at the transmitter input (at the electrical module interface) to
compensate for high frequency signal loss on the host board printed circuit board (Host-PCB) into which the
transceiver is plugged and to allow performance optimization in interaction with an host board equalizers (if
there is one).
There are different module equalizer settings available to adjust the strength of the equalization which may
be selected according to the line length of Host-PCB signal tracks.
MSB
Content of Register 248 in Table A2h
LSB
reserved
Tx2
Tx1
Tx0
reserved
reserved
reserved
reserved
Register 248 is always readable, but only writable if a valid passcode has been written to registers 124 – 127
of table A2h before (see paragraph Passcode Entry and Modification below). Reserved bits of register 248
should be written to 0. After power up, the module always comes up with its factory programmed default
equalizer setting.
Transmitter Input Signal Equalizer Settings:
Tx2
Tx1
Tx0
Description
0
X
X
Input equalizer off
1
0
0
Low equalization
1
0
1
Reserved
1
1
0
Default equalization (factory setting)
1
1
1
Reserved
X: don’t care
PDS: Rev :A
STATUS:Released
Printed: Jan 03, 2012


Número de pieza similar - GS-12-0984

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FCI connector
GS-12-0903 FCI-CONNECTOR-GS-12-0903 Datasheet
271Kb / 16P
   TRX10GVP2010C1 (SFP SR Module)
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results

Descripción similar - GS-12-0984

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FCI connector
TRX10GDL0610 FCI-CONNECTOR-TRX10GDL0610 Datasheet
1Mb / 12P
   10GBd SFP 1310nm LRM Linear Transceiver
logo
Source Photonics, Inc.
FTM-311XC-L03G SOURCE-FTM-311XC-L03G Datasheet
281Kb / 13P
   10G 1310nm LRM SFP Transceiver
logo
Micrel Semiconductor
TXRX-982 MICREL-TXRX-982 Datasheet
1Mb / 10P
   SFP Module
logo
Optoway Technology Inc
SPM-2101WG OPTOWAY-SPM-2101WG Datasheet
175Kb / 5P
   1310 nm / 10.3 Gb/s Digital Diagnostic LC Multi-Mode SFP for 10GBASE-LRM
logo
Mitsubishi Electric Sem...
MF-2500FXD MITSUBISHI-MF-2500FXD Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
logo
FCI connector
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
logo
Mitsubishi Electric Sem...
MF-27WXD MITSUBISHI-MF-27WXD Datasheet
301Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXE MITSUBISHI-MF-2500FXE Datasheet
307Kb / 16P
   2.5Gbps SFP TRANSCEIVER MODULE
logo
FCI connector
GS-12-0903 FCI-CONNECTOR-GS-12-0903 Datasheet
271Kb / 16P
   TRX10GVP2010C1 (SFP SR Module)
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com