Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0066-3-17-01-30-02-02-0 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp. |
|
0066-3-17-01-30-02-02-0 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp. |
|
1 / 1 page PINS A HI C SIO N WRAPOST RECEPTACLES for .015” - .025” diameter pins www.mill-max.com 516-922-6000 166 SPECIFICATIONS SHELL MATERIAL: Brass Alloy 360, 1/2 Hard CONTACT MATERIAL: Beryllium Copper Alloy 172, HT DIMENSION IN INCHES TOLERANCES ON: LENGTHS: ±.005 DIAMETERS: ±.002 ANGLES: ± 2° 170X-X-17-XX-30-XX-02-0 Press-fit in .057 mounting hole 1702/1703 008X-X-17-XX-3X-XX-02-0 Press-fit in .057 mounting hole 1045-3-17-XX-30-XX-02-0 Press-fit in .043 mounting hole 1045 1040-3-17-XX-30-XX-02-0 Press-fit in .056 mounting hole 1040 00XX-X-17-XX-30-XX-02-0 Press-fit in .055 mounting hole 103X-X-17-XX-3X-XX-02-0 Press-fit in .057 mounting hole 1030 ⇒ ⇒1036 0038 ⇒ ⇒0040/0066⇒ ⇒0068 0086/0088/0089 Basic Part Number # of Wraps Length A 1702-2 1703-3 2 3 .370 .510 Basic Part # # of Wraps Length A Dia. C 0040-1 0039-2 0038-3 0068-1 0067-2 0066-3 1 2 3 1 2 3 .260 .360 .500 .260 .360 .500 .072 .062 Basic Part Number 0089-2 0088-3 0086-4 # of Wraps 2 3 4 Length A .370 .510 .630 Basic Part # # of Wraps Length A Dia. C 1032-1 1 1031-2 2 1030-3 3 1036-1 1 1035-2 2 1034-3 3 .260 .360 .510 .260 .360 .510 .072 .062 ORDER CODE: XXXX - X - 17 - XX - XX - XX - 02 - 0 BASIC PART # SPECIFY SHELL FINISH: SPECIFY CONTACT FINISH: 01 200 μ” TIN/LEAD OVER NICKEL 02 100 μ” TIN/LEAD OVER NICKEL 80 200μ” TIN OVER NICKEL (RoHS) 84 100μ” TIN OVER NICKEL (RoHS) 15 10μ” GOLD OVER NICKEL (RoHS) 27 30μ” GOLD OVER NICKEL (RoHS) SELECT CONTACT #30 or #32 CONTACT (DATA ON PAGE 219) RoHS 2002/95/EC |
Número de pieza similar - 0066-3-17-01-30-02-02-0 |
|
Descripción similar - 0066-3-17-01-30-02-02-0 |