Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM69F735ZP6 Datasheet(PDF) 5 Page - Motorola, Inc

No. de pieza MCM69F735ZP6
Descripción Electrónicos  128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69F735ZP6 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM69F735ZP6 Datasheet HTML 1Page - Motorola, Inc MCM69F735ZP6 Datasheet HTML 2Page - Motorola, Inc MCM69F735ZP6 Datasheet HTML 3Page - Motorola, Inc MCM69F735ZP6 Datasheet HTML 4Page - Motorola, Inc MCM69F735ZP6 Datasheet HTML 5Page - Motorola, Inc MCM69F735ZP6 Datasheet HTML 6Page - Motorola, Inc MCM69F735ZP6 Datasheet HTML 7Page - Motorola, Inc MCM69F735ZP6 Datasheet HTML 8Page - Motorola, Inc MCM69F735ZP6 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MCM69F735
5
MOTOROLA FAST SRAM
TRUTH TABLE (See Notes 1 Through 5)
Next Cycle
Address
Used
SE1
SE2
SE3
ADSP
ADSC
ADV
G 3
DQx
Write 2, 4
Deselect
None
1
X
X
X
0
X
X
High–Z
X
Deselect
None
0
X
1
0
X
X
X
High–Z
X
Deselect
None
0
0
X
0
X
X
X
High–Z
X
Deselect
None
X
X
1
1
0
X
X
High–Z
X
Deselect
None
X
0
X
1
0
X
X
High–Z
X
Begin Read
External
0
1
0
0
X
X
X
High–Z
X5
Begin Read
External
0
1
0
1
0
X
X
High–Z
READ5
Continue Read
Next
X
X
X
1
1
0
1
High–Z
READ
Continue Read
Next
X
X
X
1
1
0
0
DQ
READ
Continue Read
Next
1
X
X
X
1
0
1
High–Z
READ
Continue Read
Next
1
X
X
X
1
0
0
DQ
READ
Suspend Read
Current
X
X
X
1
1
1
1
High–Z
READ
Suspend Read
Current
X
X
X
1
1
1
0
DQ
READ
Suspend Read
Current
1
X
X
X
1
1
1
High–Z
READ
Suspend Read
Current
1
X
X
X
1
1
0
DQ
READ
Begin Write
External
0
1
0
1
0
X
X
High–Z
WRITE
Continue Write
Next
X
X
X
1
1
0
X
High–Z
WRITE
Continue Write
Next
1
X
X
X
1
0
X
High–Z
WRITE
Suspend Write
Current
X
X
X
1
1
1
X
High–Z
WRITE
Suspend Write
Current
1
X
X
X
1
1
X
High–Z
WRITE
NOTES:
1. X = don’t care. 1 = logic high. 0 = logic low.
2. Write is defined as either 1) any SBx and SW low or 2) SGW is low.
3. G is an asynchronous signal and is not sampled by the clock K. G drives the bus immediately (tGLQX) following G going low.
4. On write cycles that follow read cycles, G must be negated prior to the start of the write cycle to ensure proper write data setup times. G must
also remain negated at the completion of the write cycle to ensure proper write data hold times.
5. This read assumes the RAM was previously deselected.
LINEAR BURST ADDRESS TABLE (LBO = VSS)
1st Address (External)
2nd Address (Internal)
3rd Address (Internal)
4th Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X10
X . . . X11
X . . . X00
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X00
X . . . X01
X . . . X10
INTERLEAVED BURST ADDRESS TABLE (LBO = VDD)
1st Address (External)
2nd Address (Internal)
3rd Address (Internal)
4th Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X00
X . . . X11
X . . . X10
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X10
X . . . X01
X . . . X00
WRITE TRUTH TABLE
Cycle Type
SGW
SW
SBa
SBb
SBc
SBd
Read
H
H
X
X
X
X
Read
H
L
H
H
H
H
Write Byte a
H
L
L
H
H
H
Write Byte b
H
L
H
L
H
H
Write Byte c
H
L
L
H
L
H
Write Byte d
H
L
H
L
H
L
Write All Bytes
H
L
L
L
L
L
Write All Bytes
L
X
X
X
X
X


Número de pieza similar - MCM69F735ZP6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results

Descripción similar - MCM69F735ZP6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com