Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM69F618CTQ10R Datasheet(PDF) 11 Page - Motorola, Inc

No. de pieza MCM69F618CTQ10R
Descripción Electrónicos  64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69F618CTQ10R Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MCM69F618CTQ10R Datasheet HTML 4Page - Motorola, Inc MCM69F618CTQ10R Datasheet HTML 5Page - Motorola, Inc MCM69F618CTQ10R Datasheet HTML 6Page - Motorola, Inc MCM69F618CTQ10R Datasheet HTML 7Page - Motorola, Inc MCM69F618CTQ10R Datasheet HTML 8Page - Motorola, Inc MCM69F618CTQ10R Datasheet HTML 9Page - Motorola, Inc MCM69F618CTQ10R Datasheet HTML 10Page - Motorola, Inc MCM69F618CTQ10R Datasheet HTML 11Page - Motorola, Inc MCM69F618CTQ10R Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MCM69F618C
11
MOTOROLA FAST SRAM
MCM
69F618C
XX
XX X
Motorola Memory Prefix
Part Number
Full Part Numbers — MCM69F618CTQ8.5
MCM69F618CTQ9
MCM69F618CTQ10
MCM69F618CTQ12
MCM69F618CTQ8.5R
MCM69F618CTQ9R
MCM69F618CTQ10R
MCM69F618CTQ12R
Package (TQ = TQFP)
Blank = Trays, R = Tape and Reel
Speed (8.5 = 8.5 ns, 9 = 9 ns, 10 = 10 ns, 12 = 12 ns)
ORDERING INFORMATION
(Order by Full Part Number)
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.


Número de pieza similar - MCM69F618CTQ10R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ10 MOTOROLA-MCM69F536CTQ10 Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ10R MOTOROLA-MCM69F536CTQ10R Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ12 MOTOROLA-MCM69F536CTQ12 Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ12R MOTOROLA-MCM69F536CTQ12R Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results

Descripción similar - MCM69F618CTQ10R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J618B MOTOROLA-MCM67J618B Datasheet
203Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B618A MOTOROLA-MCM67B618A Datasheet
155Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com