Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4006 Datasheet(PDF) 2 Page - Frontier Electronics.

No. de pieza 1N4006
Descripción Electrónicos  1A GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N4006 Datasheet(HTML) 2 Page - Frontier Electronics.

  1N4006 Datasheet HTML 1Page - Frontier Electronics. 1N4006 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4001 THRU 1N4007
Page:2
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80 100 120 140 160 180
TA-AMBIENT TEMPERATURE (
OC )
Fig. 3 MAXIMUM CURRENT RATING
EFFECT OF LEAD LENGTHS
RESISTIVE / INDUCTIVE LOAD
1.2
1.0
0.8
0.6
0.4
0.2
0
20
40
60
80
100 120 140 160 180
TA-AMBIENT TEMPERATURE (
OC)
Fig. 5-MAXIMUM FORWARD SURGE
VS NUMBER OF CYCLES
50
40
30
20
10
0
1
10
100
No. OF CYCLES AT 60 Hz
Fig. 6-TYPICAL REVERSE
CHARACTERISTIC
1000
500
200
100
50
20
10
5
2
1
.5
.2
.1
.05
.02
.01
100
200
300
400
500
600
PEAK INVERSE VOLTAGE
TJ=100
oC
TJ=125
oC
TJ=75
oC
TJ=50
oC
TJ=25
oC
L=LEAD LENTH
L=5mm
L=10mm
L=20mm
10mm
10mm
COPPER
AREA
5.5 mm
PC
BOARD
IPK
IAV
5
10
20
CAPACTIVE
LOADS
10mm
10mm
COPPER
AREA
5.5 mm
PC
BOARD
RESISTIVE / INDUCTIVE LOADS
1.2
1.0
0.8
0.6
0.4
0.2
Fig. 2-MAXIMUM CURRENT RATING
CAPACITIVE LOAD, 10 mm LEAD LENGTHS
TA-AMBIENT TEMPERATURE (
OC)
Fig. 1-MAXIMUM CURRENT RATING
EFFECT OF COPPER AREA.
RESISTIVE/INDUCTIVE
A=5.5 mm
A=20 mm
A=COPPER
P.C.
AREA
BOARD
A=10 mm
10mm
10mm
0
20
40
60
80
100
120
140
160
180
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VF-FORWARD VOLTAGE(V)
10
1.0
0.1
.01
Fig. 4
-TYPICAL FORWARD CHARACTERISTICS
+150
oC
+25
oC
Fig. 8-FORWARD PULSE CURRENT
VS PULSE DURATION
10,000
1,000
100
10
0.1uS
1uS
10uS
100uS
1mS
10mS
PULSE DURATION (Seconds)
1
10
100
1000
VR-REVERSE VOLTAGE (V)
Fig. 7-TYPICAL JUNCTION CAPACITANCE
100
10
0


Número de pieza similar - 1N4006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Components Intern...
1N4006 FCI-1N4006 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Shunye Enterprise
1N4006 SHUNYE-1N4006 Datasheet
312Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Pan Jit International I...
1N4006 PANJIT-1N4006 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Bytesonic Electronics C...
1N4006 BYTESONIC-1N4006 Datasheet
264Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Diodes Incorporated
1N4006 DIODES-1N4006 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
More results

Descripción similar - 1N4006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
1N4001S FRONTIER-1N4001S Datasheet
66Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4001-LFR FRONTIER-1N4001-LFR Datasheet
130Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
EM513 FRONTIER-EM513 Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
EM513-LFR FRONTIER-EM513-LFR Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-005R FRONTIER-GP10-005R Datasheet
132Kb / 3P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4007 FRONTIER-1N4007 Datasheet
62Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
A005-LFR FRONTIER-A005-LFR Datasheet
131Kb / 2P
   1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
logo
Cystech Electonics Corp...
DI4005SH CYSTEKEC-DI4005SH Datasheet
238Kb / 6P
   1A General Purpose Rectifier
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com