Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5371B Datasheet(PDF) 3 Page - Frontier Electronics.

No. de pieza 1N5371B
Descripción Electrónicos  5 WATT SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N5371B Datasheet(HTML) 3 Page - Frontier Electronics.

  1N5371B Datasheet HTML 1Page - Frontier Electronics. 1N5371B Datasheet HTML 2Page - Frontier Electronics. 1N5371B Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N5342B THRU 1N5388B
Page: 3
RATING AND CHARACTERISTIC CURVES 1N5342B THRU 1N5388B
100
10
1
0.1
VZ, ZENER VOLTAGE (VOLTS)
Figure 10. Zener Voltage versus Zener Current
VZ=82 thru 200 Volts
80
100
120
140
160
180
200
220
1000
100
10
1
0.1
1
2
3
4
5
6
7
8
9
10
VZ, ZENER VOLTAGE (VOLTS)
Figure 8. Zener Voltage versus Zener Current
VZ=3.3 thru 10 Volts
T=25
Tc=25℃
1000
100
10
1
0.1
VZ, ZENER VOLTAGE (VOLTS)
Figure 9. Zener Voltage versus Zener Current
VZ=11 thru 75 Volts
10
20
30
40
50
60
70
80
T=25
30
20
10
5
2
1
0.5
0.2
0.1
1
10
100
1000
PW, PULSE WIDTH (ms)
Figure 7. Peak Surge Current versus Pulse Width
VZ=200V
VZ=3.3V
PLOTTED FROMINFORMATION
GIVEN IN FIGURE 6
40
20
10
4
2
1
0.4
0.2
0.1
3
4
6
810
20
30
40
60 80100
200
NOMINAL VZ(V)
Figure 6. Maximum Non-Repetitive Surge
Current versus Nominal Zener Voltage
PW=100ms
PW=1000ms
PW=8.3ms
PW=1ms
SQUARE WAVE


Número de pieza similar - 1N5371B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5371B MOTOROLA-1N5371B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5371B NJSEMI-1N5371B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Semikron International
1N5371B SEMIKRON-1N5371B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Diotec Semiconductor
1N5371B DIOTEC-1N5371B Datasheet
131Kb / 2P
   Zener Diodes
1N5371B DIOTEC-1N5371B Datasheet
85Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

Descripción similar - 1N5371B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
1N5333B FRONTIER-1N5333B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
logo
Microsemi Corporation
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
1N5333B MICROSEMI-1N5333B Datasheet
114Kb / 2P
   SILICON 5 WATT ZENER DIODES
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
2EZ12D5DO41E3TR12 MICROSEMI-2EZ12D5DO41E3TR12 Datasheet
164Kb / 3P
   Silicon 2 Watt Zener Diode
SMAJ5913BE3 MICROSEMI-SMAJ5913BE3 Datasheet
473Kb / 6P
   Silicon 3.0 Watt Zener Diode
logo
Frontier Electronics.
1N5921B FRONTIER-1N5921B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
ZSL30-6.8B FRONTIER-ZSL30-6.8B Datasheet
127Kb / 3P
   3 WATT SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4557B NJSEMI-1N4557B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com