Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM6946YJ15R Datasheet(PDF) 9 Page - Motorola, Inc

No. de pieza MCM6946YJ15R
Descripción Electrónicos  512K x 9 Bit Fast Static Random Access Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6946YJ15R Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MCM6946YJ15R Datasheet HTML 3Page - Motorola, Inc MCM6946YJ15R Datasheet HTML 4Page - Motorola, Inc MCM6946YJ15R Datasheet HTML 5Page - Motorola, Inc MCM6946YJ15R Datasheet HTML 6Page - Motorola, Inc MCM6946YJ15R Datasheet HTML 7Page - Motorola, Inc MCM6946YJ15R Datasheet HTML 8Page - Motorola, Inc MCM6946YJ15R Datasheet HTML 9Page - Motorola, Inc MCM6946YJ15R Datasheet HTML 10Page - Motorola, Inc MCM6946YJ15R Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MCM6946
9
MOTOROLA FAST SRAM
WRITE CYCLE 2 (E Controlled; See Notes 1, 2, and 3)
P
Sb l
MCM6946–8
MCM6946–10
MCM6946–12
MCM6946–15
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
8
10
12
15
ns
4
Address Setup Time
tAVEL
0
0
0
0
ns
Address Valid to End of Write
tAVEH
7
9
10
12
ns
Address Valid to End of Write (G High)
tAVEH
7
8
9
10
ns
Enable Pulse Width
tELEH,
tELWH
8
9
10
12
ns
5, 6
Enable Pulse Width (G High)
tELEH,
tELWH
7
8
9
10
ns
5, 6
Data Valid to End of Write
tDVEH
5
5
6
7
ns
Data Hold Time
tEHDX
0
0
0
0
ns
Write Recovery Time
tEHAX
0
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. If G goes low coincident with or after W goes low, the output will remain in a high–impedance state.
4. All write cycle timing is referenced from the last valid address to the first transitioning address.
5. If E goes low coincident with or after W goes low, the output will remain in a high–impedance condition.
6. If E goes high coincident with or before W goes high, the output will remain in a high–impedance condition.
DATA VALID
HIGH–Z
tAVAV
tAVEH
tAVEL
tELWH
tEHAX
tDVEH
tEHDX
A (ADDRESS)
E (CHIP ENABLE)
W (WRITE ENABLE)
D (DATA IN)
Q (DATA OUT)
tELEH
WRITE CYCLE 2 (E Controlled; See Notes 1, 2, and 3)
Motorola Memory Prefix
Part Number
Package (YJ = 400 mil SOJ, TS = 44–Lead
TSOP Type II)
Shipping Method (R = Tape and Reel, Blank = Rails)
Speed (8 = 8 ns, 10 = 10 ns, 12 = 12 ns,
15 = 15 ns)
MCM 6946 XX XX XX
ORDERING INFORMATION
(Order by Full Part Number)
Full Part Numbers — MCM6946YJ8
MCM6946YJ10
MCM6946YJ12
MCM6946YJ15
MCM6946YJ8R
MCM6946YJ10R
MCM6946YJ12R
MCM6946YJ15R
MCM6946TS8
MCM6946TS10
MCM6946TS12
MCM6946TS15
MCM6946TS8R
MCM6946TS10R
MCM6946TS12R
MCM6946TS15R


Número de pieza similar - MCM6946YJ15R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ10 MOTOROLA-MCM6949YJ10 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ10R MOTOROLA-MCM6949YJ10R Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ12 MOTOROLA-MCM6949YJ12 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6949YJ12R MOTOROLA-MCM6949YJ12R Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
More results

Descripción similar - MCM6946YJ15R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
logo
National Semiconductor ...
93479 NSC-93479 Datasheet
153Kb / 7P
   256 x 9-Bit Static Random Access Memory
logo
Motorola, Inc
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com