Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5930 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

No. de pieza 1N5930
Descripción Electrónicos  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Página de inicio  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1N5930 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  1N5930 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1N5930 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd 1N5930 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZENER DIODES
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
3000mW
2 of 3
1N5913-1N5956
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS
(TL = 30°C unless otherwise noted,
VF = 1.5 V Max @ IF = 200 mAdc for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Breakdown Voltage
IF
Forward Current
VF
Forward Voltage @ IF
IZM
Maximum DC Zener Current
TYPE
型号
Zener voltage
齐纳电压
Dynamic resistance
动态阻抗
Maximum reverse current
最大反向电流
TA=25℃
Maximum
regulator current
最大稳压电流
Power
dissipation
耗散功率
Package
封装形式
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR@VR
IZM
Pd
V
mA
Ω
Ω
mA
μA
V
mA
mW
1N5913
3.3
113.6
10
500
1.0
100
1.0
454
3000
DO-15
1N5914
3.6
104.2
9
500
1.0
75
1.0
416
3000
DO-15
1N5915
3.9
96.1
7.5
500
1.0
25
1.0
384
3000
DO-15
1N5916
4.3
87.2
6
500
1.0
5.0
1.0
348
3000
DO-15
1N5917
4.7
79.8
5
500
1.0
5.0
1.5
319
3000
DO-15
1N5918
5.1
73.5
4
500
1.0
5.0
2.0
294
3000
DO-15
1N5919
5.6
66.9
2
500
1.0
5.0
3.0
267
3000
DO-15
1N5920
6.2
60.5
2
200
1.0
5.0
4.0
241
3000
DO-15
1N5921
6.8
55.1
2.5
200
1.0
5.0
5.2
220
3000
DO-15
1N5922
7.5
50
3
400
0.5
5.0
6.0
200
3000
DO-15
1N5923
8.2
45.7
3.5
400
0.5
5.0
6.5
182
3000
DO-15
1N5924
9.1
41.2
4
500
0.5
5.0
7.0
164
3000
DO-15
1N5925
10
37.5
4.5
500
0.25
5.0
8.0
150
3000
DO-15
1N5926
11
34.1
5.5
550
0.25
5.0
8.4
136
3000
DO-15
1N5927
12
31.2
6.5
550
0.25
1.0
9.1
125
3000
DO-15
1N5928
13
28.8
7
550
0.25
1.0
9.9
115
3000
DO-15


Número de pieza similar - 1N5930

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5930 MICROSEMI-1N5930 Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
logo
Zibo Seno Electronic En...
1N5930 ZSELEC-1N5930 Datasheet
1Mb / 14P
   ZENER DIODES
logo
EIC discrete Semiconduc...
1N5930A EIC-1N5930A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
More results

Descripción similar - 1N5930

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com