Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5953 Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

No. de pieza 1N5953
Descripción Electrónicos  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Página de inicio  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1N5953 Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  1N5953 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1N5953 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd 1N5953 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
3 of 3
ZENER DIODES
3000mW
1N5913-1N5956
1N5929
15
25
9
600
0.25
1.0
11.4
100
3000
DO-15
1N5930
16
23.4
10
600
0.25
1.0
12.2
93
3000
DO-15
1N5931
18
20.8
12
650
0.25
1.0
13.7
83
3000
DO-15
1N5932
20
18.7
14
650
0.25
1.0
15.2
75
3000
DO-15
1N5933
22
17
17.5
650
0.25
1.0
16.7
68
3000
DO-15
1N5934
24
15.6
19
700
0.25
1.0
18.2
62
3000
DO-15
1N5935
27
13.9
23
700
0.25
1.0
20.6
55
3000
DO-15
1N5936
30
12.5
26
750
0.25
1.0
22.8
50
3000
DO-15
1N5937
33
11.4
33
800
0.25
1.0
25.1
45
3000
DO-15
1N5938
36
10.4
38
850
0.25
1.0
27.4
41
3000
DO-15
1N5939
39
9.6
45
900
0.25
1.0
29.7
38
3000
DO-15
1N5940
43
8.7
53
950
0.25
1.0
32.7
34
3000
DO-15
1N5941
47
8
67
1000
0.25
1.0
35.8
31
3000
DO-15
1N5942
51
7.3
70
1100
0.25
1.0
38.8
29
3000
DO-15
1N5943
56
6.7
86
1300
0.25
1.0
42.6
26
3000
DO-15
1N5944
62
6
100
1500
0.25
1.0
47.1
24
3000
DO-15
1N5945
68
5.5
120
1700
0.25
1.0
51.7
22
3000
DO-15
1N5946
75
5
140
2000
0.25
1.0
56.0
20
3000
DO-15
1N5947
82
4.6
160
2500
0.25
1.0
62.2
18
3000
DO-15
1N5948
91
4.1
200
3000
0.25
1.0
69.2
16
3000
DO-15
1N5949
100
3.7
250
3100
0.25
1.0
76.0
15
3000
DO-15
1N5950
110
3.4
300
4000
0.25
1.0
83.6
13
3000
DO-15
1N5951
120
3.1
380
4500
0.25
1.0
91.2
12
3000
DO-15
1N5952
130
2.9
450
5000
0.25
1.0
98.8
11
3000
DO-15
1N5953
150
2.5
600
6000
0.25
1.0
114.0
10
3000
DO-15
1N5954
160
2.3
700
6500
0.25
1.0
121.6
9
3000
DO-15
1N5955
180
2.1
900
7000
0.25
1.0
136.8
8
3000
DO-15
1N5956
200
1.9
1200
8000
0.25
1.0
152.0
7
3000
DO-15


Número de pieza similar - 1N5953

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5953 MICROSEMI-1N5953 Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5953 NJSEMI-1N5953 Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Zibo Seno Electronic En...
1N5953 ZSELEC-1N5953 Datasheet
1Mb / 14P
   ZENER DIODES
logo
EIC discrete Semiconduc...
1N5953A EIC-1N5953A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
logo
First Components Intern...
1N5953A FCI-1N5953A Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
More results

Descripción similar - 1N5953

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com