Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU6-02 Datasheet(PDF) 2 Page - Frontier Electronics.

No. de pieza BU6-02
Descripción Electrónicos  6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BU6-02 Datasheet(HTML) 2 Page - Frontier Electronics.

  BU6-02 Datasheet HTML 1Page - Frontier Electronics. BU6-02 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BU6-005 THRU BU6-10
Page: 2
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
300
250
200
150
100
50
0
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60HZ
SINGLE SINE-WAVE
JEDEC METHOD
TJ=150ºC
FIG. 4 - TYPICAL JUNCTION
CAPACITANCE PER ELEMENT
10
1.0
.1
.01
0
20
40
60
80
100
120
140
PERCENT OF PEAK REVERSE VOLTAGE
TA=25ºC
TC=100ºC
RATINGS AND CHARACTERISTIC CURVES BU6-005 THRU BU6-10
TJ=25ºC
FIG. 3 - TYPICAL JUNCTION
CAPACITANCE PER ELEMENT
400
100
50
10
1
5
10
50
100
REVERSE VOLTAGE, VOLTS
f=1MHz
FIG. 5 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER ELEMENT
100
40
20
10
4.0
1.0
0.4
0.2
0.1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
TJ=25ºC
PULSE WIDTH.300us
1% DUTY CYCLE
FIG. 1 - DERATING CURVE OUTPUT
RECTIFIED CURRENT
6.0
4.0
2.0
0
0
50
100
150
TEMPERATURE ºC
HEAT SINK
MOUNTING Tc
2.6x1.4x0.06"
(6.5x3.5x0.15cm)
AL PLATE
TA P.C.B. MOUNTING
0.375"(9.5mm)LEAD LENGTH
WITH 0.5x0.5"(12x12mm)
COPPER PADS AREAS


Número de pieza similar - BU6-02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
BU6-02-LFR FRONTIER-BU6-02-LFR Datasheet
121Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU6-02F FRONTIER-BU6-02F Datasheet
121Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Descripción similar - BU6-02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
GBU6-005 FRONTIER-GBU6-005 Datasheet
124Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU6-005-LFR FRONTIER-GBU6-005-LFR Datasheet
124Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU6-005-LFR FRONTIER-BU6-005-LFR Datasheet
121Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU6-005F FRONTIER-BU6-005F Datasheet
121Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU6-06-BF52-LFR FRONTIER-GBU6-06-BF52-LFR Datasheet
123Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BP6-005 FRONTIER-BP6-005 Datasheet
56Kb / 2P
   6A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Chip Integration Techno...
GBJ6005 CITC-GBJ6005 Datasheet
93Kb / 3P
   6A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBU6005 CITC-GBU6005 Datasheet
91Kb / 3P
   6A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com