Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM69L737AZP8.5R Datasheet(PDF) 11 Page - Motorola, Inc

No. de pieza MCM69L737AZP8.5R
Descripción Electrónicos  4M Late Write LVTTL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69L737AZP8.5R Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MCM69L737AZP8.5R Datasheet HTML 7Page - Motorola, Inc MCM69L737AZP8.5R Datasheet HTML 8Page - Motorola, Inc MCM69L737AZP8.5R Datasheet HTML 9Page - Motorola, Inc MCM69L737AZP8.5R Datasheet HTML 10Page - Motorola, Inc MCM69L737AZP8.5R Datasheet HTML 11Page - Motorola, Inc MCM69L737AZP8.5R Datasheet HTML 12Page - Motorola, Inc MCM69L737AZP8.5R Datasheet HTML 13Page - Motorola, Inc MCM69L737AZP8.5R Datasheet HTML 14Page - Motorola, Inc MCM69L737AZP8.5R Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MCM69L737A
•MCM69L819A
11
MOTOROLA FAST SRAM
FUNCTIONAL OPERATION
READ AND WRITE OPERATIONS
All control signals except G are registered on the rising
edge of the CK clock. These signals must meet the setup
and hold times shown in the AC Characteristics table. On the
falling edge of the current cycle, the output latch becomes
transparent and data is available. The output data is latched
on the rising edge of the next clock. The output data is avail-
able at the output at tKLQV or tKHQV whichever is later.
tKHQV is the internal latency of the device. During this same
cycle a new read address can be applied to the address pins.
A write cycle can occur on the next cycle as long as tKHQZ
and tDVKH are met. Read cycles may follow write cycles im-
mediately.
G, SS, and SW control output drive. Chip deselect via a
high on SS at the rising edge of the CK clock has its effect on
the output drivers immediately. SW low deselects the output
drivers immediately (on the same cycle). Output selecting via
a low on SS and high on SW at a rising CK clock has its ef-
fect on the output drivers at tKLQX. Output drive is also con-
trolled directly by output enable, G. G is an asynchronous
input. No clock edges are required to enable or disable the
output with G.
Output data will be valid the latter of tGLQV, tKHQV, or
tKLQV. Outputs will begin driving at tKLQX1. Outputs will
hold previous data until tKLQX, tGHQX or tKHQZ in the case of
a write following a read.
WRITE AND BYTE WRITE FUNCTIONS
Note that in the following discussion the term “byte” refers
to nine bits of the RAM I/O bus. In all cases, the timing pa-
rameters described for synchronous write input (SW) apply
to each of the byte write enable inputs (SBa, SBb, etc.).
Byte write enable inputs have no effect on read cycles.
This allows the system designer not interested in performing
byte writes to connect the byte enable inputs to active low
(VSS). Reads of all bytes proceed normally and write cycles,
activated via a low on SW, and the rising edge of the CK
clock, write the entire RAM I/O width. This way the designer
is spared having to drive multiple write input buffer loads.
Byte writes are performed using the byte write enable in-
puts in conjunction with the synchronous write input (SW). It
is important to note that writing any one byte will inhibit a read
of all bytes at the current address. The RAM cannot simulta-
neously read one byte and write another at the same ad-
dress. A write cycle initiated with none of the byte write
enable inputs active is neither a read or a write. No write will
occur, but the outputs will be deselected as in a normal write
cycle.
LATE WRITE
The write address is sampled on the first rising edge of
clock and write data is sampled on the following rising edge.
The late write feature is implemented with single stage
write buffering. Write buffering is transparent to the user. A
comparator monitors the address bus and, when necessary,
routes buffer contents to the outputs to assure coherent op-
eration. This occurs in all cases whether there is a byte write
or a full word is written.
POWER UP AND INITIALIZATION
The following supply voltage application sequence is
recommended: VSS, VDD, then VDDQ. Please note, per the
Absolute Maximum Ratings table, VDDQ is not to exceed VDD
+ 0.5 V, whatever the instantaneous value of VDD. Once
supplies have reached specification levels, a minimum dwell
of 1.0 ms with C/K clock inputs cycling is required before
beginning normal operations.


Número de pieza similar - MCM69L737AZP8.5R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6 MOTOROLA-MCM69L735ZP6 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6.5 MOTOROLA-MCM69L735ZP6.5 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6.5R MOTOROLA-MCM69L735ZP6.5R Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6R MOTOROLA-MCM69L735ZP6R Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
More results

Descripción similar - MCM69L737AZP8.5R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
logo
GSI Technology
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
logo
Samsung semiconductor
K7Z167288B SAMSUNG-K7Z167288B Datasheet
240Kb / 20P
   512Kx36 & 256Kx72 DLW(Double Late Write) RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com