Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM1010 Datasheet(PDF) 1 Page - Frontier Electronics.

No. de pieza SM1010
Descripción Electrónicos  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SM1010 Datasheet(HTML) 1 Page - Frontier Electronics.

  SM1010 Datasheet HTML 1Page - Frontier Electronics. SM1010 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM5817 THRU SM1010
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 THRU SM1010
FEATURES
EXTREMELY LOW VF
LOW STORED CHARGE, MAJORITY CARRIER CONDUCTION
LOW POWER LOSS / HIGH EFFICIENCY
UL 94V-0 FLAME RETARDANT EPOXY MOLDING COMPOUND
MECHANICAL DATA
CASE: TRANSFER MOLDED, MELF, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDERABLE PER MIL-STD-750, METHOD 2026
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 0.135 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL SM5817 SM5818 SM5819 SM105 SM106 SM107 SM108 SM109 SM1010 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
20
30
40
50
60
70
80
90
100
V
MAXIMUM RMS VOLTAGE
VRMS
14
21
28
35
42
49
56
63
70
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
20
30
40
50
60
70
80
90
100
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
AT TL=90°C
IO
1.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
25
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
110
70
PF
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL SM5817 SM5818 SM5819 SM105 SM106 SM107 SM108 SM109 SM1010 UNITS
MAXIMUM FORWARD VOLTAGE AT Io DC
VF
0.55
0.70
0.79
V
MAXIMUM REVERSE CURRENT AT 25
IR
1.0
mA
NOTE:
1. MEASURED AT 1.0 MHz AND APPLIED REVERSE VOLTAGE OF 4.0V D.C.
SOLDERABLE ENDS
.105(2.67)
.095(2.41)
.205(5.2)
.190(4.8)
.022(.60)
.018(.46)


Número de pieza similar - SM1010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
SM1010-LFR FRONTIER-SM1010-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM10100C SECOS-SM10100C Datasheet
160Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM10100C SECOS-SM10100C Datasheet
248Kb / 2P
   Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SM10100D SECOS-SM10100D Datasheet
72Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM10100D1 SECOS-SM10100D1 Datasheet
105Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

Descripción similar - SM1010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com