Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM1010 Datasheet(PDF) 2 Page - Frontier Electronics.

No. de pieza SM1010
Descripción Electrónicos  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SM1010 Datasheet(HTML) 2 Page - Frontier Electronics.

  SM1010 Datasheet HTML 1Page - Frontier Electronics. SM1010 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM5817 THRU SM1010
Page: 2
RATINGS AND CHARACTERISTIC CURVE SM5817 THRU SM1010
FIG. 3A - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=125
TJ=75
TJ=25
SM5817~5819
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=150℃
TJ=75℃
TJ=25℃
TJ=125℃
SM105~1010
FIG. 3B - TYPICAL REVERSE
CHARACTERISTICS
FIG. 1 - FORWARD CURRENT
DERATING CURVE
1.0
0.70
0.50
0.25
0
0
20
40
60
80
100
120
140
SINGLE PHASE
HALF WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE,
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1
.3
.5
.7
.9
1.1
1.3 1.5
1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25℃
PULSE WIDTH=300us 1% DUTY CYCLE
SM107~
SM1010
SM105~
SM106
SM5817
SM5818
SM5819


Número de pieza similar - SM1010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
SM1010-LFR FRONTIER-SM1010-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM10100C SECOS-SM10100C Datasheet
160Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM10100C SECOS-SM10100C Datasheet
248Kb / 2P
   Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SM10100D SECOS-SM10100D Datasheet
72Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM10100D1 SECOS-SM10100D1 Datasheet
105Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

Descripción similar - SM1010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com