Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

008016120000607 Datasheet(PDF) 1 Page - AVX Corporation

No. de pieza 008016120000607
Descripción Electrónicos  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

008016120000607 Datasheet(HTML) 1 Page - AVX Corporation

  008016120000607 Datasheet HTML 1Page - AVX Corporation 008016120000607 Datasheet HTML 2Page - AVX Corporation 008016120000607 Datasheet HTML 3Page - AVX Corporation 008016120000607 Datasheet HTML 4Page - AVX Corporation 008016120000607 Datasheet HTML 5Page - AVX Corporation 008016120000607 Datasheet HTML 6Page - AVX Corporation 008016120000607 Datasheet HTML 7Page - AVX Corporation 008016120000607 Datasheet HTML 8Page - AVX Corporation 008016120000607 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
14
FEATURES
Available in five sizes: 20, 38, 56, 90 and 120 contacts
Insertable / removable Varilok contacts
Crimp, solder, solderless wrap, and taper tab terminations
Exceptional versatility: all hardware can be mounted on
plug or receptacle (see ordering code)
Actuating screw facilitates mating and unmating, locks
mated connectors together
Polarizing hardware can be set to any of six positions at
factory; can also be reset by user (see polarizing code)
Optional cover with top or side cable entry and clamp
Optional cable strain relief clamp with adjustable strap
for large or small cable bundles (fits on sizes 38 and 56)
Plug and receptacle contacts are protected from
mishandling
Guide pins and sockets ensure correct alignment when
mating
Aluminum covers
CSA acceptable polyester material
Varicon®
Series 8016 – .075" x .130" x .150" Grid Pattern
Current Rating:
8 amperes, maximum
Contact Resistance:
6 milliohms, maximum
Contact Material:
Phosphor bronze
Contact Plating:
Gold, 10 microinches min.,
over Nickel,
50-100 microinches
Insulator Material:
Thermoplastic 94V-O glass
filled polyester
Insulation Resistance:
5,000 megohms, min.
(polyester)
Sea Level: 1250 volts RMS
3.4" Hg:
625 volts RMS
Cover and Clamp Material and Finish:
Aluminum with clear chromate under grey
enamel finish
TECHNICAL SPECIFICATIONS


Número de pieza similar - 008016120000607

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
008017100217001 AVX-008017100217001 Datasheet
296Kb / 1P
   Series 8017
008017100217002 AVX-008017100217002 Datasheet
296Kb / 1P
   Series 8017
008017100217003 AVX-008017100217003 Datasheet
296Kb / 1P
   Series 8017
008017100217004 AVX-008017100217004 Datasheet
296Kb / 1P
   Series 8017
008017100217005 AVX-008017100217005 Datasheet
296Kb / 1P
   Series 8017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com