Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

008017323011 Datasheet(PDF) 2 Page - AVX Corporation

No. de pieza 008017323011
Descripción Electrónicos  Series 8016 . .075" x .130" x .150" Grid Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

008017323011 Datasheet(HTML) 2 Page - AVX Corporation

  008017323011 Datasheet HTML 1Page - AVX Corporation 008017323011 Datasheet HTML 2Page - AVX Corporation 008017323011 Datasheet HTML 3Page - AVX Corporation 008017323011 Datasheet HTML 4Page - AVX Corporation 008017323011 Datasheet HTML 5Page - AVX Corporation 008017323011 Datasheet HTML 6Page - AVX Corporation 008017323011 Datasheet HTML 7Page - AVX Corporation 008017323011 Datasheet HTML 8Page - AVX Corporation 008017323011 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
15
Varicon®
Series 8016 – Basic Components
CONECTORS:
COVERS:
CONTACTS:
Crimp
Solder Tab
Wire Wrap
14.4mm
Wire Wrap
19.3mm
Wire Wrap
.567
Solder
217 Style
218 Style
750 Style
296 Style
504 Style
Male, Jackscrew
Male, Fixed Nut
Female, Fixed Nut
Female, Jackscrew
Male
Female
(Exposed Contacts)
(Recessed Contacts)
001/601 Style
002/602 Style
007/607 Style
008/608 Style
Top Opening
Side Opening
Top/side Opening
(Removable Side Plate)


Número de pieza similar - 008017323011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
008017100217001 AVX-008017100217001 Datasheet
296Kb / 1P
   Series 8017
008017100217002 AVX-008017100217002 Datasheet
296Kb / 1P
   Series 8017
008017100217003 AVX-008017100217003 Datasheet
296Kb / 1P
   Series 8017
008017100217004 AVX-008017100217004 Datasheet
296Kb / 1P
   Series 8017
008017100217005 AVX-008017100217005 Datasheet
296Kb / 1P
   Series 8017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com