Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
008017323012 Datasheet(PDF) 6 Page - AVX Corporation |
|
008017323012 Datasheet(HTML) 6 Page - AVX Corporation |
6 / 12 page 19 Varicon® Series 8016 – Rectangular Connector – 90 Contact 00 Prefix 8016 Series Number 090 Number of Contacts 217 601 See table below ORDERING CODE PLUG - Actuating Screw PLUG – Fixed Nut SOCKET - Actuating Screw SOCKET – Fixed Nut PIN LAYOUT 90 Way Contact Termination *000 = Contacts not fitted and ordered separately, see page 25 for full list of options 217 = Solder 0.098" x 2.49mm 218 = Wire Wrap – 0.025 x 0.050 x 0.567" / 0.64 x 1.27 x 14.4mm 296 = Wire Wrap – 0.025 x 0.026 x 0.579" / 0.64 x 0.66 x 14.7mm 504 = Solder Tail – 750 = Wire Wrap – 0.025 x 0.050 x 0.760" / 0.64 x 1.27 x 19.3mm *Crimp contacts always ordered separately. See page 25 for details. 28.58 7.93 1.72 Ø3.79 Ø6.75 5.88 12 AT 1.90 = 22.86 19.43 ±0.13 RECOMMENDED LAYOUT FOR FRONT CHASSIS MOUNTING & PCB LAYOUT See page 26 for assembly tools. 90 CONTACTS COVER Insulator Hardware Top Lge Side Lge Top Side Actuating Fixed Body Basic P/N* Color **Thread No Cover Clamp Clamp EX Lge EX Lge Screw Nut Type Clamp Clamp Male 00 8016 090 000 XXX Green UNC 601 603 604 631 632 Y N Male 00 8016 090 000 XXX Green UNC 602 605 606 633 634 N Y Male 00 8016 090 000 XXX Gray UNC 001 903 904 931 932 Y N Male 00 8016 090 000 XXX Gray UNC 002 905 906 933 934 N Y Female 00 8016 090 000 XXX Green UNC 608 609 610 635 636 Y N Female 00 8016 090 000 XXX Green UNC 607 611 612 637 638 N Y Female 00 8016 090 000 XXX Gray UNC 008 909 910 935 936 Y N Female 00 8016 090 000 XXX Gray UNC 007 911 912 937 938 N Y *Select the column desired and replace the XXX with the numbers from column. **United Course Thread |
Número de pieza similar - 008017323012 |