Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAV70 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
BAV70 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
2 / 2 page ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified Parameter Symbol Test conditions MIN MAX UNIT Reverse breakdown voltage V(BR)R IR= 2.5μA 75 V Reverse voltage leakage current IR VR=70V VR=20V 2.5 25 μA nA Forward voltage VF IF=1mA IF=10mA IF=50mA IF=150mA 715 855 1000 1250 mV Diode capacitance CD VR=0V,f=1MHz 2.0 pF Reverse recovery time trr IF=IR=10mA,IR=1mA , VR=5V,RL=100Ω 4 ns TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified BAV70 Dual Surface Mount Switching Diode http://www.luguang.cn mail:lge@luguang.cn |
Número de pieza similar - BAV70 |
|
Descripción similar - BAV70 |