Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1203IPWR Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza ADS1203IPWR
Descripción Electrónicos  Motor control, current measurement
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1203IPWR Datasheet HTML 6Page - Texas Instruments ADS1203IPWR Datasheet HTML 7Page - Texas Instruments ADS1203IPWR Datasheet HTML 8Page - Texas Instruments ADS1203IPWR Datasheet HTML 9Page - Texas Instruments ADS1203IPWR Datasheet HTML 10Page - Texas Instruments ADS1203IPWR Datasheet HTML 11Page - Texas Instruments ADS1203IPWR Datasheet HTML 12Page - Texas Instruments ADS1203IPWR Datasheet HTML 13Page - Texas Instruments ADS1203IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
10
TYPICAL CHARACTERISTICS (continued)
AVDD = BVDD = +5V or VDD = +5V, VIN+ = −250mV to +250mV, VIN− = 0V, MCLK input = 20MHz, and 16-bit Sinc3 filter, with OSR = 256, unless
otherwise noted.
GAIN vs TEMPERATURE
−40
−20
20
040
80
60
100
Temperature (
_C)
0.10
0
−0.10
−0.20
−0.30
−0.40
−0.50
Mode 3 (MCLK = 32MHz)
Mode3(MCLK = 20MHz)
Mode 0
RMS NOISE vs INPUT VOLTAGE LEVEL
−320 −240
−80
−160
0
240
160
80
320
Differential Input Voltage (mV)
14
12
10
8
6
4
2
0
SIGNAL−TO−NOISE RATIO vs TEMPERATURE
−40
−20
20
040
80
60
100
Temperature (
_C)
85.6
85.4
85.2
85.0
84.8
84.6
84.4
84.2
Mode 3 (MCLK = 32MHz)
Mode 3 (MCLK = 20MHz)
Mode 0
SIGNAL−TO−NOISE + DISTORTION
vs TEMPERATURE
−40
−20
20
040
80
60
100
Temperature (
_C)
85.2
84.8
84.4
84.0
83.6
83.2
82.8
82.4
82.0
81.6
81.2
80.8
Mode 3 (MCLK = 32MHz)
Mode 3 (MCLK = 20MHz)
Mode 0
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
10
100
1k
10k
Decimation Ratio (OSR)
18
16
14
12
10
8
6
4
110
98
86
74
62
50
38
26
Sinc3 Filter
Sinc2 Filter
POWER−SUPPLY CURRENT vs TEMPERATURE
−40
−20
20
040
80
60
100
Temperature (
_C)
10
9
8
7
6
5
Mode 0
Mode 3 (MCLK = 20MHz)
Mode 3 (MCLK = 32MHz)


Número de pieza similar - ADS1203IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1203IPWR BURR-BROWN-ADS1203IPWR Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
Texas Instruments
ADS1203IPWR TI1-ADS1203IPWR Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
ADS1203IPWRG4 TI1-ADS1203IPWRG4 Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
More results

Descripción similar - ADS1203IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1203 BURR-BROWN-ADS1203 Datasheet
276Kb / 24P
   MOTOR CONTROL CURRENT MEASUREMENT
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A100A62 ETC2-B59701A100A62 Datasheet
95Kb / 2P
   Measurement and Control
logo
ON Semiconductor
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com