Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC712PKG4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza DAC712PKG4
Descripción Electrónicos  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712PKG4 Datasheet(HTML) 2 Page - Texas Instruments

  DAC712PKG4 Datasheet HTML 1Page - Texas Instruments DAC712PKG4 Datasheet HTML 2Page - Texas Instruments DAC712PKG4 Datasheet HTML 3Page - Texas Instruments DAC712PKG4 Datasheet HTML 4Page - Texas Instruments DAC712PKG4 Datasheet HTML 5Page - Texas Instruments DAC712PKG4 Datasheet HTML 6Page - Texas Instruments DAC712PKG4 Datasheet HTML 7Page - Texas Instruments DAC712PKG4 Datasheet HTML 8Page - Texas Instruments DAC712PKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
A
0
A
1
DAC712
SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009 ................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
DIFFERENTIAL
LINEARITY ERROR MAX
LINEARITY ERROR MAX
PACKAGE-
PACKAGE
SPECIFIED
PRODUCT
AT +25°C
AT +25°C
LEAD
DESIGNATOR
TEMPERATURE RANGE
DAC712P
±4LSB
±4LSB
PDIP-28
NT
–40°C to +85°C
DAC712U
±4LSB
±4LSB
SOIC-28
DW
–40°C to +85°C
DAC712PB
±2LSB
±2LSB
PDIP-28
NT
–40°C to +85°C
DAC712UB
±2LSB
±2LSB
SOIC-28
DW
–40°C to +85°C
DAC712PK
±2LSB
±2LSB
PDIP-28
NT
0°C to +70°C
DAC712UK
±2LSB
±2LSB
SOIC-28
DW
0°C to +70°C
DAC712PL
±2LSB
±1LSB
PDIP-28
NT
0°C to +70°C
DAC712UL
±2LSB
±1LSB
SOIC-28
DW
0°C to +70°C
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
DAC712
UNIT
+VCC to COMMON
0, +17
V
–VCC to COMMON
0, –17
V
+VCC to –VCC
34
V
Digital Inputs to COMMON
–1 to +VCC – 0.7
V
External Voltage Applied to BPO and Range Resistors
±VCC
V
VREF OUT
Indefinite Short to COMMON
VOUT
Indefinite Short to COMMON
Power Dissipation
750
mW
Storage Temperature Range
–60 to +150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
TRUTH TABLE
WR
CLR
DESCRIPTION
0
1
1
→ 0 → 1
1
Load Input Latch
1
0
1
→ 0 → 1
1
Load D/A Latch
1
1
1
→ 0 → 1
1
No Change
0
0
0
1
Latches Transparent
X
X
1
1
No Change
X
X
X
0
Reset D/A Latch
2
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC712


Número de pieza similar - DAC712PKG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC712P BURR-BROWN-DAC712P Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC712PB BURR-BROWN-DAC712PB Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
More results

Descripción similar - DAC712PKG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com