Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM69Q618TQ8 Datasheet(PDF) 6 Page - Motorola, Inc

No. de pieza MCM69Q618TQ8
Descripción Electrónicos  64K x 18 Bit Synchronous Separate I/O SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69Q618TQ8 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM69Q618TQ8 Datasheet HTML 2Page - Motorola, Inc MCM69Q618TQ8 Datasheet HTML 3Page - Motorola, Inc MCM69Q618TQ8 Datasheet HTML 4Page - Motorola, Inc MCM69Q618TQ8 Datasheet HTML 5Page - Motorola, Inc MCM69Q618TQ8 Datasheet HTML 6Page - Motorola, Inc MCM69Q618TQ8 Datasheet HTML 7Page - Motorola, Inc MCM69Q618TQ8 Datasheet HTML 8Page - Motorola, Inc MCM69Q618TQ8 Datasheet HTML 9Page - Motorola, Inc MCM69Q618TQ8 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MCM69Q618
6
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ± 5%, TA = 0 to + 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS AND SUPPLY CURRENTS
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Operating Voltage Range)
VDD
3.135
3.465
V
Input High Voltage
VIH
2.0
VDD + 0.5**
V
Input Low Voltage
VIL
– 0.5*
0.8
V
Input Leakage Current (All Inputs, Vin = 0 to VDD)
Ilkg(I)
± 1.0
µA
Output Leakage Current (E = VIH, Vout = 0 to VDD)
Ilkg(O)
± 1.0
µA
AC Supply Current (Iout = 0 mA) (VDD = max, f = fmax)
MCM69Q618–6 ns
MCM69Q618–8 ns
MCM69Q618–10 ns
IDDA
TBD
TBD
TBD
mA
CMOS Standby Supply Current (Deselected, Clock (K)
MCM69Q618–6 ns
Cycle Time
≥ tKHKH, All Inputs Toggling at CMOS Levels
MCM69Q618–8 ns
Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V)
MCM69Q618–10 ns
ISB1
TBD
TBD
TBD
mA
Output Low Voltage (IOL = + 8.0 mA)
VOL
0.4
V
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
VDD
V
*VIL ≥ –1.5 V for t ≤ tKHKH/2.
** VIH ≤ VDD + 1.0 V for t ≤ tKHKH/2.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 0 to 70°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Max
Unit
Address and Data Input Capacitance
Cin
6
pF
Control Pin Input Capacitance
Cin
6
pF
Output Capacitance
Cout
8
pF


Número de pieza similar - MCM69Q618TQ8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69Q536 MOTOROLA-MCM69Q536 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
MCM69Q536TQ10 MOTOROLA-MCM69Q536TQ10 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
MCM69Q536TQ10R MOTOROLA-MCM69Q536TQ10R Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
MCM69Q536TQ6 MOTOROLA-MCM69Q536TQ6 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
MCM69Q536TQ6R MOTOROLA-MCM69Q536TQ6R Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
More results

Descripción similar - MCM69Q618TQ8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM69D618 MOTOROLA-MCM69D618 Datasheet
211Kb / 14P
   64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69Q536 MOTOROLA-MCM69Q536 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C192 CYPRESS-CY7C192 Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
CY7C192 CYPRESS-CY7C192_06 Datasheet
252Kb / 8P
   64K x 4 Static RAM with Separate I/O
logo
Motorola, Inc
MCM67Q709A MOTOROLA-MCM67Q709A Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q909 MOTOROLA-MCM67Q909 Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
logo
Freescale Semiconductor...
MCM63D736 FREESCALE-MCM63D736 Datasheet
455Kb / 16P
   128K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
logo
Motorola, Inc
MCM69D536 MOTOROLA-MCM69D536 Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
logo
NEC
UPD44324085 NEC-UPD44324085 Datasheet
360Kb / 32P
   36M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com