Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si4777-A20-GM Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza Si4777-A20-GM
Descripción Electrónicos  HIGH-PERFORMANCE CONSUMER ELECTRONICS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4777-A20-GM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si4777-A20-GM Datasheet HTML 5Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 6Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 7Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 8Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 9Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 10Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 11Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 12Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Si4770/77-A20
Rev. 0.9
9
Table 5. Reference Clock and Crystal Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Reference Clock, Pin RCLK
RCLK Supported
Frequencies
36.4
37.8
37.209375
—MHz
RCLK Frequency
Tolerance
–100
100
ppm
RCLK = 36.4 MHz, 37.8 MHz, 37.209375 MHz
Phase Noise
100 Hz offset
–86
dBc/Hz
1 kHz offset
–101
dBc/Hz
10 kHz offset
–108
dBc/Hz
≥ 100 kHz offset
–122
dBc/Hz
Input Capacitance
7
pF
Input Voltage
AC coupling capacitor = 1 µF
Square wave input
400
mVPP
AC coupling capacitor = 1 µF
Sine wave input
300
900
mVPP
Crystal Oscillator, Pins XTAL1, XTAL2
Crystal Frequency
36.4
37.8
37.209375
—MHz
Crystal Frequency
Tolerance
–100
100
ppm
Load Capacitance, Pro-
grammable, Each Pin to
GND
5
21.8
pF


Número de pieza similar - Si4777-A20-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4777-A20 SILABS-SI4777-A20 Datasheet
1,004Kb / 3P
   High-Performance Consumer Electronics Broadcast Radio Receiver and HD Radio Tuner
More results

Descripción similar - Si4777-A20-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
SI4770-A20 SILABS-SI4770-A20 Datasheet
1,004Kb / 3P
   High-Performance Consumer Electronics Broadcast Radio Receiver and HD Radio Tuner
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Siemens Semiconductor G...
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
logo
List of Unclassifed Man...
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
   Low-Cost Consumer Electronics Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com