Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54AC245-N Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza 54AC245-N
Descripción Electrónicos  54AC245 54ACT245 Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

54AC245-N Datasheet(HTML) 7 Page - Texas Instruments

Back Button 54AC245-N Datasheet HTML 2Page - Texas Instruments 54AC245-N Datasheet HTML 3Page - Texas Instruments 54AC245-N Datasheet HTML 4Page - Texas Instruments 54AC245-N Datasheet HTML 5Page - Texas Instruments 54AC245-N Datasheet HTML 6Page - Texas Instruments 54AC245-N Datasheet HTML 7Page - Texas Instruments 54AC245-N Datasheet HTML 8Page - Texas Instruments 54AC245-N Datasheet HTML 9Page - Texas Instruments 54AC245-N Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
I/O
Input/Output
15.0
pF
V
CC = 5.0V
Capacitance
C
PD
Power Dissipation
45.0
pF
V
CC = 5.0V
Capacitance
www.national.com
6


Número de pieza similar - 54AC245-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54AC245 NSC-54AC245 Datasheet
153Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54AC245D NSC-54AC245D Datasheet
153Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54AC245F NSC-54AC245F Datasheet
153Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54AC245L NSC-54AC245L Datasheet
153Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
More results

Descripción similar - 54AC245-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54AC245 NSC-54AC245 Datasheet
153Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
National Semiconductor ...
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com