Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54F164A Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza 54F164A
Descripción Electrónicos  54F164A Serial-In, Parallel-Out Shift Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

54F164A Datasheet(HTML) 5 Page - Texas Instruments

  54F164A Datasheet HTML 1Page - Texas Instruments 54F164A Datasheet HTML 2Page - Texas Instruments 54F164A Datasheet HTML 3Page - Texas Instruments 54F164A Datasheet HTML 4Page - Texas Instruments 54F164A Datasheet HTML 5Page - Texas Instruments 54F164A Datasheet HTML 6Page - Texas Instruments 54F164A Datasheet HTML 7Page - Texas Instruments 54F164A Datasheet HTML 8Page - Texas Instruments 54F164A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock Frequency
80
120
60
80
MHz
tPLH
Propagation Delay
30
48
75
25
90
30
75
ns
tPHL
CP to Qn
35
50
80
30
85
35
80
tPHL
Propagation Delay
50
70
100
40
125
50
105
ns
MR to Qn
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
45
55
45
ts(L)
A or B to CP
40
40
40
ns
th(H)
Hold Time HIGH or LOW
10
10
10
th(L)
A or B to CP
10
10
10
tw(H)
CP Pulse Width
40
40
40
ns
tw(L)
HIGH or LOW
70
70
70
tw(L)
MR Pulse Width LOW
40
50
40
ns
trec
Recovery Time
50
65
50
ns
MR to CP
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
164A
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
QB e Military grade device with
54F e Military
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reel
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
D e Ceramic DIP
M e Military (b55 Cto a125 C)
S e Small Outline Package SOIC JEDEC
SJ e Small Outline SOIC EIAJ
L e Package Leadless Chip Carrier (LCC)
F e Flatpak
4


Número de pieza similar - 54F164A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
More results

Descripción similar - 54F164A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164 Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A Datasheet
58Kb / 6P
   Serial-In, Parallel-Out Shift Register
logo
Motorola, Inc
SN54LS164 MOTOROLA-SN54LS164 Datasheet
78Kb / 4P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
74ACT164 NSC-74ACT164 Datasheet
112Kb / 6P
   Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164_15 Datasheet
151Kb / 11P
   Serial-In, Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com