Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC11828DW Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza 74AC11828DW
Descripción Electrónicos  10-BIT BUFFER/BUS DRIVER WITH 3-STAE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11828DW Datasheet(HTML) 1 Page - Texas Instruments

  74AC11828DW Datasheet HTML 1Page - Texas Instruments 74AC11828DW Datasheet HTML 2Page - Texas Instruments 74AC11828DW Datasheet HTML 3Page - Texas Instruments 74AC11828DW Datasheet HTML 4Page - Texas Instruments 74AC11828DW Datasheet HTML 5Page - Texas Instruments 74AC11828DW Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74AC11828
10BIT BUFFER/BUS DRIVER
WITH 3-STATE OUTPUTS
SCAS083A − NOVEMBER 1989 − REVISED APRIL 1993
Copyright
1993, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
Flow-Through Architecture to Optimize
PCB Layout
Center-Pin V
CC and GND Configurations to
Minimize High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latchup Immunity at 125°C
Package Options Include Plastic“Small
Outline” Packages and Standard Plastic
300-mil DIPs
description
This device contains ten buffers/bus drivers that
provide a high-performance 10-bit bus interface
for wide data paths or buses carrying parity.
The 3-state control gate is a 2-input NOR gate.
If either G1 or G2 is high, all ten outputs are in the
high-impedance state.
The 74AC11828 provides inverted data.
The 74AC11828 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
G1
G2
A
OUTPUT
Y
L
L
H
L
L
LL
H
X
HX
Z
H
X
X
Z
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Y1
Y2
Y3
Y4
Y5
GND
GND
GND
GND
Y6
Y7
Y8
Y9
Y10
G1
A1
A2
A3
A4
A5
VCC
VCC
A6
A7
A8
A9
A10
G2
DW OR NT PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Número de pieza similar - 74AC11828DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AC11827 PHILIPS-74AC11827 Datasheet
148Kb / 6P
   10-WIDE BUFFER/LINE DRIVER (3-STATE)
October 17 1990
74AC11827D PHILIPS-74AC11827D Datasheet
148Kb / 6P
   10-WIDE BUFFER/LINE DRIVER (3-STATE)
October 17 1990
74AC11827N PHILIPS-74AC11827N Datasheet
148Kb / 6P
   10-WIDE BUFFER/LINE DRIVER (3-STATE)
October 17 1990
More results

Descripción similar - 74AC11828DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN64BCT29828B TI1-SN64BCT29828B Datasheet
85Kb / 5P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI1-SN74LVC828A_15 Datasheet
622Kb / 16P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827A TI-SN74LVC827A Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI-SN74LVC828A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827A TI1-SN74LVC827A_16 Datasheet
923Kb / 23P
[Old version datasheet]   SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
SN64BCT2827C TI1-SN64BCT2827C Datasheet
86Kb / 5P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
74LVX16240 STMICROELECTRONICS-74LVX16240 Datasheet
229Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ827 FAIRCHILD-74ACTQ827 Datasheet
63Kb / 7P
   Quiet Seriesa??10-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ827 FAIRCHILD-74ACTQ827_00 Datasheet
73Kb / 7P
   Quiet Series 10-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com