Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74ACT11353DR Datasheet(Hoja de datos) 1 Page - Texas Instruments

No. de Pieza. 74ACT11353DR
Descripción  DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

   
 1 page
background image
54ACT11353, 74ACT11353
DUAL 1OF4 DATA SELECTORS/MULTIPLEXERS
WITH 3STATE OUTPUTS
SCAS045A − D3109, JUNE 1988 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
Inverting Versions of 54ACT11253 and
74ACT11253
Permits Multiplexing From N Lines
to 1 Line
Performs Parallel-to-Serial Conversion
Inputs Are TTL-Voltage Compatible
Flow-Through Architecture to Optimize
PCB Layout
Center-Pin V
CC and GND Configurations to
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
Package Options Include Plastic Small-
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
description
Each
of
these
data
selectors/multiplexers
contains inverters and drivers to supply full binary
decoding data selection to the AND-OR gates.
Separate strobe inputs (G) are provided for each
of the two four-line sections.
The 3-state outputs can interface with and drive
data lines of bus-organized systems. With all but
one of the common outputs disabled (at a
high-impedance state), the low-impedance of the
single enabled output will drive the bus line to a
high or low logic level. Each output has its own
strobe (G). The output is disabled when its strobe
is high.
The 54ACT11353 is characterized for operation over the full military temperature range of − 55
°C to 125°C.
The 74ACT11353 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
SELECT
INPUTS
DATA INPUTS
STROBE
G
OUTPUT
Y
B
A
C0
C1
C2
C3
G
Y
X
X
X
X
X
X
H
Z
L
LL
XX
X
L
H
L
LH
XX
X
L
L
L
HX
LX
X
L
H
L
HX
HX
X
L
L
H
LX
XL
X
L
H
H
LX
XH
X
L
L
H
HX
XX
L
L
H
H
H
X
X
X
H
L
L
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
1Y
GND
2Y
1G
2G
2C3
1C0
1C1
1C2
1C3
VCC
2C0
2C1
2C2
(TOP VIEW)
54ACT11353 ...J PACKAGE
74ACT11535 ...D OR N PACKAGE
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2C1
2C2
NC
2C3
2G
1C1
1C0
NC
A
B
54ACT11353 . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl