Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ACT11590DW Datasheet(PDF) 7 Page - Texas Instruments |
|
74ACT11590DW Datasheet(HTML) 7 Page - Texas Instruments |
7 / 15 page 74ACT11590 8BIT BINARY COUNTER WITH REGISTERED 3STATE OUTPUTS SCAS195 − D3989, MARCH 1992 − REVISED APRIL 1993 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77001 2−7 PARAMETER MEASUREMENT INFORMATION 50% VCC 1.5 V 1.5 V 1.5 V 3 V 3 V 0 V 0 V th tsu VOLTAGE WAVEFORMS Data Input tPLH tPHL tPHL tPLH VOH VOH VOL VOL 1.5 V 1.5 V 3 V 0 V 50% VCC 50% VCC Input (see Note B) Out-of-Phase Output In-Phase Output Timing Input (see Note B) 50% VCC VOLTAGE WAVEFORMS From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 2 × VCC 500 Ω 500 Ω Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note C) Output Waveform 2 S1 at GND (see Note C) VOL VOH tPZL tPZH tPLZ tPHZ 1.5 V 1.5 V ≈ VCC 0 V 50% VCC 20% VCC 50% VCC 80% VCC ≈ 0 V 3 V GND Open VOLTAGE WAVEFORMS tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 2 × VCC GND TEST S1 3 V 0 V 1.5 V 1.5 V tw VOLTAGE WAVEFORMS Input NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns. C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. D. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
Número de pieza similar - 74ACT11590DW |
|
Descripción similar - 74ACT11590DW |