Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS774HIB Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza ADS774HIB
Descripción Electrónicos  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774HIB Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS774HIB Datasheet HTML 2Page - Texas Instruments ADS774HIB Datasheet HTML 3Page - Texas Instruments ADS774HIB Datasheet HTML 4Page - Texas Instruments ADS774HIB Datasheet HTML 5Page - Texas Instruments ADS774HIB Datasheet HTML 6Page - Texas Instruments ADS774HIB Datasheet HTML 7Page - Texas Instruments ADS774HIB Datasheet HTML 8Page - Texas Instruments ADS774HIB Datasheet HTML 9Page - Texas Instruments ADS774HIB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TIMING REQUIREMENTS: Stand-Alone Mode
TIMING REQUIREMENTS: Fully-Controlled Operation (Convert Mode)
TIMING REQUIREMENTS: Fully-Controlled Operation (Read Mode)
ADS774H
SBAS443 – AUGUST 2009 ................................................................................................................................................................................................ www.ti.com
ADS774H
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tHRL
Low R/C pulse width
25
ns
tDS
STS delay from R/C
200
ns
tHDR
Data valid After R/C low
25
ns
tHRH
High R/C pulse width
100
ns
tDDR
Data access time
150
ns
ADS774H
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tDSC
STS delay from CE
60
200
ns
tHEC
CE pulse width
50
30
ns
tSSC
CS to CE setup
50
20
ns
tHSC
CS low during CE high
50
20
ns
tSRC
R/C to CE setup
50
0
ns
tHRC
R/C low during CE high
50
20
ns
tSAC
A0 to CE setup
0
ns
tHAC
A0 valid during CE high
50
20
ns
ADS774H
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tDD
Access time from CE
75
150
ns
tHD
Data valid after CE low
25
35
ns
tHL
Output float delay
100
150
ns
tSSR
CS to CE setup
50
0
ns
tSRR
R/C to CE setup
0
ns
tSAR
A0 to CE setup
50
25
ns
tHSR
CS valid after CE low
0
ns
tHRR
R/C high after CE low
0
ns
tHAR
A0 valid after CE low
50
ns
tHS
STATUS delay after data valid
75
150
375
ns
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated


Número de pieza similar - ADS774HIB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS774HIBDW TI1-ADS774HIBDW Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774HIBDWR TI1-ADS774HIBDWR Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS774HIB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com