Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1278SKGDA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1278SKGDA
Descripción Electrónicos  OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278SKGDA Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1278SKGDA Datasheet HTML 4Page - Texas Instruments ADS1278SKGDA Datasheet HTML 5Page - Texas Instruments ADS1278SKGDA Datasheet HTML 6Page - Texas Instruments ADS1278SKGDA Datasheet HTML 7Page - Texas Instruments ADS1278SKGDA Datasheet HTML 8Page - Texas Instruments ADS1278SKGDA Datasheet HTML 9Page - Texas Instruments ADS1278SKGDA Datasheet HTML 10Page - Texas Instruments ADS1278SKGDA Datasheet HTML 11Page - Texas Instruments ADS1278SKGDA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
ADS1278-HT
SBAS447C – MARCH 2009 – REVISED AUGUST 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range, unless otherwise noted
(1)
UNIT
AVDD to AGND
–0.3 to 6.0
V
DVDD, IOVDD to DGND
–0.3 to 3.6
V
AGND to DGND
–0.3 to 0.3
V
Momentary
100
mA
Input current
Continuous
10
mA
Analog input to AGND
–0.3 to AVDD + 0.3
V
Digital input or output to DGND
–0.3 to DVDD + 0.3
V
Operating temperature range
–55 to 210
°C
Storage temperature range
–60 to 150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
ELECTRICAL CHARACTERISTICS
All specifications at TA = –55°C to 210°C, AVDD = 5 V, DVDD = 1.8 V, IOVDD = 3.3 V, fCLK = 27 MHz, VREFP = 2.5 V,
VREFN = 0 V, and all channels active, unless otherwise noted.
TA = –55°C to 125°C
TA = 210°C
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Analog Inputs
Full-scale input voltage (FSR(2))
VIN = (AINP – AINN)
±VREF
±VREF
V
AGND –
AVDD +
AGND –
AVDD +
Absolute input voltage
AINP or AINN to AGND
V
0.1
0.1
0.1
0.1
Common-mode input voltage (VCM)
VCM = (AINP + AINN)/2
2.5
2.5
V
High-Speed mode
14
14
k
High-Resolution mode
14
14
k
Differential input
impedance
Low-Power mode
28
28
k
Low-Speed mode
140
140
k
DC Performance
Resolution
No missing codes
24
Bits
fCLK = 32.768MHz
(3)
128,000
128,000
SPS
High-Speed mode
fCLK = 27MHz
105,469
105,469
SPS(4)
Data rate (fDATA)
High-Resolution mode
52,734
52,734
SPS
Low-Power mode
52,734
52,734
SPS
Low-Speed mode
10,547
10,547
SPS
Differential input, VCM =
Integral nonlinearity (INL)(5)
±0.0003
±0.0012
±0.0014
% FSR(2)
2.5V
Offset error
0.25
2
2
mV
Offset drift
0.8
μV/°C
Gain error
0.1
0.5
0.5
% FSR
Gain drift
1.3
ppm/°C
High-Speed mode
Shorted input
8.5
21
21
μV, rms
High-Resolution mode
Shorted input
5.5
13
13
μV, rms
Noise
Low-Power mode
Shorted input
8.5
21
21
μV, rms
Low-Speed mode
Shorted input
8.0
21
21
μV, rms
Common-mode rejection
fCM = 60Hz
90
108
90
dB
(1)
Minimum and maximum parameters are characterized for operation at TA = 210°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
(2)
FSR = full-scale range = 2VREF.
(3)
fCLK = 32.768MHz max for High-Speed mode, and 27MHz max for all other modes. When fCLK > 27MHz, operation is limited to Frame-
Sync mode and VREF ≤ 2.6V.
(4)
SPS = samples per second.
(5)
Best fit method.
8
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS1278-HT


Número de pieza similar - ADS1278SKGDA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1278SKGDA TI1-ADS1278SKGDA Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1278SKGDA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com