Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS6122 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
ADS6122 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 67 page www.ti.com RECOMMENDED OPERATING CONDITIONS ADS6125, ADS6124 ADS6123, ADS6122 SLAS560A – OCTOBER 2007 – REVISED MARCH 2008 over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT SUPPLIES AVDD Analog supply voltage 3 3.3 3.6 V CMOS Interface 1.65 1.8 to 3.3 3.6 V DRVDD Output buffer supply voltage (1) LVDS Interface 3 3.3 3.6 V ANALOG INPUTS Differential input voltage range 2 Vpp VIC Input common-mode voltage 1.5 ± 0.1 V Voltage applied on VCM in external reference mode 1.45 1.5 1.55 V CLOCK INPUT ADS6125 1 125 ADS6124 1 105 FS Input clock sample rate MSPS ADS6123 1 80 ADS6122 1 65 Sine wave, ac-Coupled 0.4 1.5 LVPECL, ac-Coupled ± 0.8 Input clock amplitude differential Vpp (VCLKP – VCLKM) LVDS, ac-Coupled ± 0.35 LVCMOS, ac-Coupled 3.3 Input Clock duty cycle 35% 50% 65% DIGITAL OUTPUTS For CLOAD ≤ 5 pF and DRVDD ≥ 2.2 DEFAULT V strength For CLOAD > 5 pF and DRVDD ≥ 2.2 MAXIMUM Output buffer drive strength (2) V strength MAXIMUM For DRVDD < 2.2 V strength CMOS Interface, maximum buffer 10 strength Maximum external load capacitance from each LVDS Interface, without internal 5 CLOAD pF output pin to DRGND termination LVDS Interface, with internal 10 termination RLOAD Differential load resistance (external) between the LVDS output pairs 100 Ω TA Operating free-air temperature -40 85 °C (1) For easy migration to next generation, higher sampling speed devices (> 125 MSPS), use 1.8V DRVDD supply. (2) See Output Buffer Strength Programmability in application section 4 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): ADS6125, ADS6124 ADS6123, ADS6122 |
Número de pieza similar - ADS6122 |
|
Descripción similar - ADS6122 |