Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7887MDBVT Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza ADS7887MDBVT
Descripción Electrónicos  10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7887MDBVT Datasheet(HTML) 1 Page - Texas Instruments

  ADS7887MDBVT Datasheet HTML 1Page - Texas Instruments ADS7887MDBVT Datasheet HTML 2Page - Texas Instruments ADS7887MDBVT Datasheet HTML 3Page - Texas Instruments ADS7887MDBVT Datasheet HTML 4Page - Texas Instruments ADS7887MDBVT Datasheet HTML 5Page - Texas Instruments ADS7887MDBVT Datasheet HTML 6Page - Texas Instruments ADS7887MDBVT Datasheet HTML 7Page - Texas Instruments ADS7887MDBVT Datasheet HTML 8Page - Texas Instruments ADS7887MDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ADS7887M
www.ti.com
SLAS750A
– JUNE 2011 – REVISED JUNE 2011
10-BIT 1.25-MSPS MICRO-POWER MINIATURE
SAR ANALOG-TO-DIGITAL CONVERTER
Check for Samples: ADS7887M
xxxxxx
1
FEATURES
xxxxxx
1.25-MHz Sample Rate Serial Device
10-Bit Resolution
APPLICATIONS
Zero Latency
Base Band Converters in Radio
25-MHz Serial Interface
Communication
Supply Range: 2.35 V to 5.25 V
Motor Current/Bus Voltage Sensors in Digital
Typical Power Dissipation at 1.25 MSPS:
Drives
– 3.8 mW at 3-V VDD
Optical Networking (DWDM, MEMS Based
– 8 mW at 5-V VDD
Switching)
±0.35 LSB INL, DNL
Optical Sensors
61-dB SINAD,
–84-dB THD
Battery Powered Systems
Unipolar Input Range: 0 V to VDD
Medical Instrumentations
Power Down Current: 10
µA Max
High-Speed Data Acquisition Systems
Wide Input Bandwidth: 15 MHz at 3 dB
High-Speed Closed-Loop Systems
6-Pin SOT23 Package
DESCRIPTION
The ADS7887 is a 10-bit 1.25-MSPS analog-to-digital converter (ADC). The device includes a capacitor-based
SAR A/D converter with inherent sample and hold. The serial interface is controlled by the CS and SCLK signals
for glueless connections with microprocessors and DSPs. The input signal is sampled with the falling edge of CS,
and SCLK is used for conversion and serial data output.
The device operates from a wide supply range from 2.35 V to 5.25 V. The low power consumption of the device
makes it suitable for battery-powered applications. The device also includes a power-saving powerdown feature
for when the device is operated at lower conversion speeds.
The high level of the digital input to the device is not limited to device VDD. This means the digital input can go as
high as 5.25 V when device supply is 2.35 V. This feature is useful when digital signals are coming from other
circuits with different supply levels. Also, this relaxes restriction on power-up sequencing.
The ADS7887 is available in a 6-pin SOT23 package and is specified for operation from
–55°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - ADS7887MDBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7887MDBVT TI1-ADS7887MDBVT Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS7887MDBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com