Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8320SHKJ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8320SHKJ
Descripción Electrónicos  16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8320SHKJ Datasheet(HTML) 1 Page - Texas Instruments

  ADS8320SHKJ Datasheet HTML 1Page - Texas Instruments ADS8320SHKJ Datasheet HTML 2Page - Texas Instruments ADS8320SHKJ Datasheet HTML 3Page - Texas Instruments ADS8320SHKJ Datasheet HTML 4Page - Texas Instruments ADS8320SHKJ Datasheet HTML 5Page - Texas Instruments ADS8320SHKJ Datasheet HTML 6Page - Texas Instruments ADS8320SHKJ Datasheet HTML 7Page - Texas Instruments ADS8320SHKJ Datasheet HTML 8Page - Texas Instruments ADS8320SHKJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SAR
Control
D
OUT
Comparator
S/H Amp
CS/SHDN
DCLOCK
+IN
V
REF
–IN
CDAC
Serial
Interface
ADS8320-HT
www.ti.com
SBAS521A – DECEMBER 2010 – REVISED APRIL 2012
16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING
ANALOG-TO-DIGITAL CONVERTER
Check for Samples: ADS8320-HT
1
FEATURES
SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
2
100-kHz Sampling Rate
Controlled Baseline
Micropower:
One Assembly/Test Site
3.8 mW at 100 kHz and 2.7 V
One Fabrication Site
0.3 mW at 10 kHz and 2.7 V
Available in Extreme (–55°C/210°C)
Power Down: 6 µA max
Temperature Range(1)
8-Pin Ceramic Package
Extended Product Life Cycle
Pin Compatible to ADS7816 and ADS7822
Extended Product-Change Notification
Serial ( SPI™/SSI) Interface
Product Traceability
APPLICATIONS
Texas Instruments' high temperature products
utilize highly optimized silicon (die) solutions
Down-Hole Drilling
with design and process enhancements to
High Temperature Environments
maximize performance over extended
Vibration/Modal Analysis
temperatures.
Multi-Channel Data Acquisition
Acoustics/Dynamic Strain Gauges
Pressure Sensors
(1)
Custom temperature ranges available
DESCRIPTION
The ADS8320 is a 16-bit, sampling analog-to-digital (A/D) converter with ensured specifications over a 2.7-V to
5.25-V supply range. It requires very little power even when operating at the full 100-kHz data rate. At lower data
rates, the high speed of the device enables it to spend most of its time in the power-down mode—the average
power dissipation is less than 100 mW at 10-kHz data rate.
The ADS8320 also features operation from 2 V to 5.25 V, a synchronous serial (SPI/SSI compatible) interface,
and a differential input. The reference voltage can be set to any level within the range of 500 mV to VCC.
Ultra-low power and small size make the ADS8320 ideal for portable and battery-operated systems. It is also a
perfect fit for remote data acquisition modules, simultaneous multi-channel systems, and isolated data
acquisition. The ADS8320 is available in 8-pin ceramic surface-mount packages, specified for the –55°C to
210°C temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc..
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - ADS8320SHKJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8320SHKJ TI1-ADS8320SHKJ Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS8320SHKJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7826 TI-ADS7826 Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com