Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC6821SQDBQRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC6821SQDBQRQ1
Descripción Electrónicos  INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AMC6821SQDBQRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC6821SQDBQRQ1 Datasheet HTML 5Page - Texas Instruments AMC6821SQDBQRQ1 Datasheet HTML 6Page - Texas Instruments AMC6821SQDBQRQ1 Datasheet HTML 7Page - Texas Instruments AMC6821SQDBQRQ1 Datasheet HTML 8Page - Texas Instruments AMC6821SQDBQRQ1 Datasheet HTML 9Page - Texas Instruments AMC6821SQDBQRQ1 Datasheet HTML 10Page - Texas Instruments AMC6821SQDBQRQ1 Datasheet HTML 11Page - Texas Instruments AMC6821SQDBQRQ1 Datasheet HTML 12Page - Texas Instruments AMC6821SQDBQRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
AMC6821-Q1
www.ti.com ...................................................................................................................................................................................................... SBAS475 – JUNE 2009
Table 6. Write Multiple Bytes
S
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
DATA
ACK
DATA
ACK
7-bit AMC6821 slave
8-bit register address of
First 8-bit data written
Second 8-bit data written
address
first register to be written
first register
second register
DATA
ACK
...
DATA
ACK
P
Third 8-bit data written third register
Last 8-bit data
S = start condition; P = stop condition; shaded = slave to master; unshaded = master to slave; WR = write (bit value of 0).
The first register is the one to which the first data byte is written. The next register is the second register. If the
bus master continues to transfer data into the AMC6821 after writing the last location, all data are ignored until
the operation stops.
Table 7. Read Byte
S
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
Sr
SLAVE ADDRESS
RD
ACK
DATA
NACK
P
7-bit AMC6821 slave
7-bit AMC6821 slave
8-bit data from
8-bit register address
address
address
register
S = start condition; P = stop condition; shaded = slave to master; unshaded = master to slave; WR = write (bit value of 0); RD = read (bit
value of 1);
NACK = not acknowledged; Sr = repeated start condition.
Table 8. Read Multiple Bytes
S
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
Sr
SLAVE ADDRESS
RD
ACK
DATA
ACK
7-bit AMC6821 slave
Address of first
7-bit AMC6821 slave
8-bit data from first
address
register to be read
address
register
DATA
ACK
...
DATA
NACK
P
8-bit data from second register
Last 8-bit data
S = start condition; P = stop condition; shaded = slave to master; unshaded = master to slave; WR = write (bit value of 0); RD = read (bit
value of 1);
NACK = not acknowledged; Sr = repeated start condition.
The first register is the one from which the first data byte is transmitted. The next register is the second register.
If the bus master continues clocking data out after reading the last location (0x3F), the value 0x00 is sent out
until the operation stops.
The AMC6821 is entirely controlled by the registers. All registers are 8-bit. The AMC6821 has an address pointer
register; the value of the address pointer register determines the register to be written to or read from. To write
data to the device register or read data from it, the address pointer register must be set properly. Data can then
be written into or read from that register. The command issued by the bus master always contains the initial
value of the address pointer register. The command is constructed as shown in Table 9.
Table 9. Command Format(1)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
In the send byte operation, the bus master writes the address of a specified device register into the address
pointer register.
In the receive byte operation, the bus master reads the data back from the device register addressed by the
address point register.
In the write byte operation, the bus master sets the address pointer register to the address of a specified device
register, then writes 8-bit data into it. In the read byte operation, the SMBus master sets the address pointer
register to the address of a specified device register first, then reads 8-bit data back from it.
(1)
ADDR[5:0] is the address of the register that is accessed first. The register address is stored in the address pointer register.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): AMC6821-Q1


Número de pieza similar - AMC6821SQDBQRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
AMC6821SDBQ BURR-BROWN-AMC6821SDBQ Datasheet
712Kb / 47P
   Analog Monitor and Control Circuit
logo
Texas Instruments
AMC6821SDBQ TI-AMC6821SDBQ Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821SDBQ TI-AMC6821SDBQ Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
logo
Burr-Brown (TI)
AMC6821SDBQR BURR-BROWN-AMC6821SDBQR Datasheet
712Kb / 47P
   Analog Monitor and Control Circuit
More results

Descripción similar - AMC6821SQDBQRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV. 0
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
logo
Maxim Integrated Produc...
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com