Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCLVD2104RHDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCLVD2104RHDR
Descripción Electrónicos  Dual 1:4 Low Additive Jitter LVDS Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD2104RHDR Datasheet(HTML) 5 Page - Texas Instruments

  CDCLVD2104RHDR Datasheet HTML 1Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 2Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 3Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 4Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 5Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 6Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 7Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 8Page - Texas Instruments CDCLVD2104RHDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
CDCLVD2104
www.ti.com
SCAS903A – JUNE 2010 – REVISED AUGUST 2010
ELECTRICAL CHARACTERISTICS (continued)
At VCC = 2.375 V to 2.625 V and TA = –40°C to 85°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS OUTPUT CHARACTERISTICS
|VOD|
Differential output voltage magnitude
250
450
mV
Change in differential output voltage
ΔVOD
–15
15
mV
magnitude
VIN, DIFF, PP = 0.3 V,RL = 100 Ω
Steady-state common mode output
VOC(SS)
1.1
1.375
V
voltage
Steady-state common mode output
ΔVOC(SS)
VIN, DIFF, PP = 0.6 V,RL = 100 Ω
–15
15
mV
voltage
Percentage of output amplitude
Vring
Output overshoot and undershoot
10%
VOD
VOS
Output ac common mode
VIN, DIFF, PP = 0.6 V, RL = 100 Ω
40
70
mVPP
IOS
Short-circuit output current
VOD = 0 V
±24
mA
tPD
Propagation delay
VIN, DIFF, PP = 0.3 V
1.5
2.5
ns
tSK, PP
Part-to-part skew
600
ps
tSK, O_WB
Within bank output skew
35
ps
tSK,O_BB
Bank-to-bank output skew
both inputs are phase aligned
100
ps
Pulse skew(with 50% duty cycle
Crossing-point-to-crossing-point
tSK,P
–50
50
ps
input)
distortion
Random additive jitter (with 50% duty
Edge speed 0.75V/ns
tRJIT
0.3
ps, RMS
cycle input)
10 kHz – 20 MHz
tR/tF
Output rise/fall time
20% to 80%,100
Ω, 5 pF
50
300
ps
ICCSTAT
Static supply current
Outputs unterminated, f = 0 Hz
27
45
mA
All outputs, RL = 100 Ω,
ICC100
Supply current
74
108
mA
f = 100 MHz
All outputs, RL = 100 Ω,
ICC800
Supply current
108
144
mA
f = 800 MHz
VAC_REF CHARACTERISTICS
VAC_REF
Reference output voltage
VCC = 2.5 V, Iload = 100 µA
1.1
1.25
1.35
V
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCLVD2104


Número de pieza similar - CDCLVD2104RHDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2102RGTR TI1-CDCLVD2102RGTR Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2102RGTT TI1-CDCLVD2102RGTT Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
919Kb / 22P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
More results

Descripción similar - CDCLVD2104RHDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
[Old version datasheet]   Dual 1:8 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
1633966 TI-1633966 Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com